Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2415M6-C2 Datasheet(PDF) 2 Page - California Eastern Labs

Part # CG2415M6-C2
Description  L, S-band High Power SPDT RF Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2415M6-C2 Datasheet(HTML) 2 Page - California Eastern Labs

  CG2415M6-C2 Datasheet HTML 1Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 2Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 3Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 4Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 5Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 6Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 7Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 8Page - California Eastern Labs CG2415M6-C2 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CG2415M6
This document is subject to change without notice.
2
PIN CONFIGURATION AND
INTERNAL BLOCK DIAGRAM
TRUTH TABLE
VC1
VC2
RFC-RF1
RFC-RF2
High
Low
ON
OFF
Low
High
OFF
ON
ABSOLUTE MAXIMUM RATINGS
(TA
= +25˚C, unless otherwise specified)
Parameter
Symbol
Rating
Unit
Control Voltage
VC
6.0Note 1
V
Input Power
Pin
+34.5Note 2
dBm
Operating Ambient Temperature
TA
-45
~+85
˚C
Storage Temperature
Tstg
-55
~+150
˚C
Note
1. |VC1 - VC2|
≦ 6.0 V
2. 3.0V
≦ |VC1 – VC2| ≦ 5.0V
RECOMMENDED OPERATING RANGE
(TA =
+25˚C, unless otherwise specified)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Operating Frequency
f
0.5
-
6.0
GHz
Switch Control Voltage (H)
VC(H)
+1.8
+3.0
+5.3
V
Switch Control Voltage (L)
VC(L)
-0.2
0
+0.2
V


Similar Part No. - CG2415M6-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2415M6-C2 CEL-CG2415M6-C2 Datasheet
845Kb / 7P
   L, S-band High Power SPDT RF Switch
More results

Similar Description - CG2415M6-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2415M6 CEL-CG2415M6 Datasheet
845Kb / 7P
   L, S-band High Power SPDT RF Switch
CG2415M6 CEL-CG2415M6_17 Datasheet
788Kb / 8P
   L, S-band High Power SPDT RF Switch
UPG2009TB CEL-UPG2009TB Datasheet
547Kb / 9P
   L, S-Band HIGH POWER SPDT SWITCH
logo
NEC
UPG158TB NEC-UPG158TB Datasheet
56Kb / 8P
   L, S- BAND SPDT SWITCH
logo
California Eastern Labs
UPG2158T5K_0512 CEL-UPG2158T5K_0512 Datasheet
380Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2214TK CEL-UPG2214TK Datasheet
511Kb / 12P
   L. S-BAND SPDT SWITCH
logo
NEC
UPG2158T5K NEC-UPG2158T5K Datasheet
105Kb / 12P
   L, S-BAND SPDT SWITCH
UPG2015TB NEC-UPG2015TB_1 Datasheet
110Kb / 11P
   L, S-BAND SPDT SWITCH
UPG2159T6R NEC-UPG2159T6R Datasheet
95Kb / 10P
   L, S-BAND SPDT SWITCH
logo
Renesas Technology Corp
PG2214TK RENESAS-PG2214TK_15 Datasheet
214Kb / 15P
   L, S-BAND SPDT SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com