Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CG2185X2-C2 Datasheet(PDF) 7 Page - California Eastern Labs

Part # CG2185X2-C2
Description  6GHz Medium Power SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

CG2185X2-C2 Datasheet(HTML) 7 Page - California Eastern Labs

  CG2185X2-C2 Datasheet HTML 1Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 2Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 3Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 4Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 5Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 6Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 7Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 8Page - California Eastern Labs CG2185X2-C2 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
CG2185X2
This document is subject to change without notice.
7
REVISION HISTORY
Version
Change to current version
Page(s)
CDS-0004-02 (Issue A)
February 17, 2016
Initial datasheet
N/A
CDS-0004-02 (Issue B)
March 24, 2016
Added Eval Board ordering information.
Updated Marking information.
Page 1,2
CDS-0004-02 (Issue C)
August 11, 2016
Removed “preliminary”
All
CDS-0004-02 (Issue D)
January 11, 2017
Added “Recommended Soldering Conditions” section
5
CDS-0004-03 (Issue E)
June 21, 2017
Added Error Vector Magnitude parameter to Electrical
Characteristics table
3
CDS-0004-04 (Issue F)
August 29, 2017
Updated Applications section
Added
“Typical Characteristics” graph section
1, 4


Similar Part No. - CG2185X2-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2185X2-C2 CEL-CG2185X2-C2 Datasheet
724Kb / 7P
   6GHz Middle Power SPDT Switch
More results

Similar Description - CG2185X2-C2

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
CG2185X2 CEL-CG2185X2_17 Datasheet
729Kb / 8P
   6GHz Middle Power SPDT Switch
CG2185X2 CEL-CG2185X2 Datasheet
724Kb / 7P
   6GHz Middle Power SPDT Switch
logo
Hexawave, Inc
HWS500_V6 HW-HWS500_V6_15 Datasheet
65Kb / 2P
   GaAs 0.5-6GHz SPDT Switch
logo
Excelics Semiconductor,...
EMS101-C EXCELICS-EMS101-C Datasheet
182Kb / 3P
   DC-6GHz GaAs MMIC SPDT SWITCH
logo
RF Micro Devices
RF3024 RFMD-RF3024 Datasheet
353Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF1126 RFMD-RF1126 Datasheet
410Kb / 7P
   BROADBAND MEDIUM POWER SPDT SWITCH
RF3023 RFMD-RF3023 Datasheet
994Kb / 5P
   BROADBAND MEDIUM POWER SPDT SWITCH
logo
Excelics Semiconductor,...
EMS101-P EXCELICS-EMS101-P Datasheet
49Kb / 2P
   DC-6GHz GaAs MMIC SPDT SWITCH
logo
California Eastern Labs
CG2179M2_17 CEL-CG2179M2_17_09 Datasheet
792Kb / 10P
   L, S-band Medium Power SPDT Switch
CG2214M6_17 CEL-CG2214M6_17_09 Datasheet
716Kb / 10P
   L, S-band Medium Power SPDT Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com