Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A11CSP12VDC1.5D Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A11CSP12VDC1.5D
Description  Switching capacity up to 30A
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A11CSP12VDC1.5D Datasheet(HTML) 2 Page - CIT Relay & Switch

  A11CSP12VDC1.5D Datasheet HTML 1Page - CIT Relay & Switch A11CSP12VDC1.5D Datasheet HTML 2Page - CIT Relay & Switch A11CSP12VDC1.5D Datasheet HTML 3Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A1
page 2
Ordering Information
Dimensions
Units = mm
23.45
[.92]
15.65
[.62]
25.80
[1.02]
3X 4.75
[.187]
0.80 TYP
[.032]
2X 6.35
[.250]
11.70
[.46]
23.45
[.92]
15.65
[.62]
25.80
[1.02]
7.00
[.28]
8.00
[.31]
4.50
[.18]
4.50
[.18]
2.45 TYP
[.10]
2.80
[.11]
3.20
[.13]
0.80 TYP
[.03]
Quick Connect
PC Pin
1. Series
A1
1A
S
Q
12VDC
1.2
A1
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
3. Sealing Option
S = Sealed
4. Termination
P = PCB Pins
Q = Quick Connect
5. Coil Voltage
6VDC
12VDC
24VDC
48VDC
6. Coil Power
1.2 = 1.2W
1.5 = 1.5W
7. Coil Suppression
Blank = Standard
D = Diode (1N4005)
R = Resistor (680 ohms)
** Consult factory if other values are needed


Similar Part No. - A11CSP12VDC1.5D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A11CSP12VDC1.5D CIT-A11CSP12VDC1.5D Datasheet
163Kb / 2P
   CIT SWITCH
More results

Similar Description - A11CSP12VDC1.5D

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
A10 CIT-A10 Datasheet
111Kb / 2P
   Switching capacity up to 30A
logo
DB Lectro Inc
NVF4-5 DBLECTRO-NVF4-5_05 Datasheet
294Kb / 2P
   Contact load capacity up to 30A
NVF4-5 DBLECTRO-NVF4-5 Datasheet
119Kb / 2P
   Contact load capacity up to 30A
logo
CIT Relay & Switch
WJ152 CIT-WJ152 Datasheet
236Kb / 3P
   Switching capacity up to 10A
logo
DB Lectro Inc
NSAM DBLECTRO-NSAM Datasheet
225Kb / 2P
   Switching capacity up to 20A
NVFM DBLECTRO-NVFM Datasheet
181Kb / 2P
   Switching capacity up to 25A
NVF DBLECTRO-NVF Datasheet
180Kb / 2P
   Switching capacity up to 20A
N932 DBLECTRO-N932 Datasheet
44Kb / 2P
   Switching capacity up to 15A
NVFM DBLECTRO-NVFM_05 Datasheet
464Kb / 2P
   Switching capacity up to 25A
logo
CIT Relay & Switch
J098 CIT-J098 Datasheet
92Kb / 3P
   Switching capacity up to 6A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com