Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFP-B21B-D810 Datasheet(PDF) 6 Page - Schurter Inc.

Part # DKFP-B21B-D810
Description  Magnetically Compensated Choke, compact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFP-B21B-D810 Datasheet(HTML) 6 Page - Schurter Inc.

  DKFP-B21B-D810 Datasheet HTML 1Page - Schurter Inc. DKFP-B21B-D810 Datasheet HTML 2Page - Schurter Inc. DKFP-B21B-D810 Datasheet HTML 3Page - Schurter Inc. DKFP-B21B-D810 Datasheet HTML 4Page - Schurter Inc. DKFP-B21B-D810 Datasheet HTML 5Page - Schurter Inc. DKFP-B21B-D810 Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Suppression Chokes
DKFP
https://www.schurter.com /PG81_82
EMC Products
In [A]
Ln [mH]
Rcu
[m
Ω]
Powerloss [W]
fRES
[MHz]
Weight [g]
Housings
Packing unit [pcs.]
Order Number
2
1.8
57
0.23
3
6 g
2B
45
DKFP-B22B-021Q
2
1.8
57
0.23
3
8 g
1B
120
DKFP-B21B-021Q
2
10
149
0.6
0.34
20 g
2D
35
DKFP-D22D-0210
2
10
149
0.6
0.34
25 g
1D
56
DKFP-D21D-0210
2
10
245
1
0.4
33 g
2G
28
DKFP-G22G-0210
2
18
360
1.4
0.2
55 g
2H
18
DKFP-H22H-0218
2
4,2
92
0.37
0.9
14 g
1C
35
DKFP-C21C-024K
2
4.2
92
0.37
0.9
11 g
2C
32
DKFP-C22C-024K
2
6.8
200
0.8
0.5
32 g
2E
28
DKFP-E22E-026Q
2
6.8
200
0.8
0.5
34 g
1E
70
DKFP-E21E-026Q
2.5
3.3
73
0.45
1.2
11 g
2C
60
DKFP-C22C-2N3L
2.5
3.3
93
0.46
1.2
14 g
1C
35
DKFP-C21C-2N3L
2.5
6.8
101
0.63
0.36
20 g
2D
40
DKFP-D22D-2N6Q
2.5
6.8
101
0.63
0.36
25 g
1D
56
DKFP-D21D-2N6Q
3
2
52
0.47
2.5
11 g
2C
32
DKFP-C22C-0302
3
2
52
0.47
2.5
14 g
1C
35
DKFP-C21C-0302
3
4.2
63
0.57
0.85
20 g
2D
35
DKFP-D22D-034K
3
4.2
63
0.57
0.85
25 g
1D
56
DKFP-D21D-034K
4
0.7
18
0.29
6.5
6 g
2B
45
DKFP-B22B-04D7
4
0.7
18
0.29
6.5
8 g
1B
120
DKFP-B21B-04D7
4
1.5
30
0.48
2.8
11 g
2C
60
DKFP-C22C-041N
4
1.5
30
0.48
2.8
14 g
1C
35
DKFP-C21C-041N
4
3.3
45
0.72
1
20 g
2D
35
DKFP-D22D-043L
4
3.3
45
0.72
1
25 g
1D
56
DKFP-D21D-043L
4
3.3
62
1
0.6
32 g
2E
28
DKFP-E22E-043L
4
3.3
62
1
0.6
34 g
1E
70
DKFP-E21E-043L
4
3.9
70
1.1
0.5
33 g
2G
28
DKFP-G22G-043R
4
6.8
100
1.6
0.6
55 g
2H
18
DKFP-H22H-046Q
6
1.8
23
0.83
0.7
32 g
2E
28
DKFP-E22E-061Q
6
1.8
23
0.83
0.7
33 g
2G
28
DKFP-G22G-061Q
6
1.8
23
0.83
0.7
34 g
1E
70
DKFP-E21E-061Q
6
3.9
46
1.6
0.7
55 g
2H
18
DKFP-H22H-063R
8
2.7
22
1.4
1
55 g
2H
18
DKFP-H22H-082P
10
1.8
13
1.3
1.1
55 g
2H
18
DKFP-H22H-101Q
Most Popular.
Availability for all products can be searched real-time:https://www.schurter.com/en/Stock-Check/Stock-Check-SCHURTER
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Similar Part No. - DKFP-B21B-D810

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP-B21B-D810 SCHURTER-DKFP-B21B-D810 Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
More results

Similar Description - DKFP-B21B-D810

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DKFS SCHURTER-DKFS_17 Datasheet
325Kb / 3P
   Magnetically Compensated SMD Choke, compact
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com