Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A101AS12VDC Datasheet(PDF) 1 Page - CIT Relay & Switch

Part No. A101AS12VDC
Description  Switching capacity up to 30A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A101AS12VDC Datasheet(HTML) 1 Page - CIT Relay & Switch

  A101AS12VDC Datasheet HTML 1Page - CIT Relay & Switch A101AS12VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
RoHS Compliant
A10
12.0 (23.8) x 12.9 x 9.9 mm
Switching capacity up to 30A
Dual relay available
Withstands high temperature : 105oC operating temperature
PC pin mounting available
Ultra light weight : 4g
Coil Data*
Contact Data*
General Data*
Features
Contact Arrangement
1A = SPST N.O.
1C = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
Contact Rating
1A : 25A, 30A @ 14VDC
1C : 25A, 30A @ 14VDC N.O.
1C : 20A, 25A @ 14VDC N.C.
2A : 25A, 30A @ 14VDC
2C : 25A, 30A @ 14VDC N.O.
2C : 20A, 25A @ 14VDC N.C.
Contact Resistance
< 30 milliohms initial
Contact Material
AgSnO2
Max Switching Power
420W
Max Switching Voltage
28VDC
Max Switching Current
40A On, 30A Off
(current flow 3 sec max with make/
break ratio of 1:10)
Limiting Continuous Current NO/NC : 30A/25A @ 23oC
NO/NC : 25A/20A @ 85oC
Electrical Life @ rated load
100K cycles, average
Mechanical Life
10M cycles, average
Insulation Resistance
100M Ω min. @ 500VDC initial
Dielectric Strength, Coil to Contact
500V rms min. @ sea level initial
Contact to Contact
500V rms min. @ sea level initial
Shock Resistance
300m/s2 for 6 ms
Vibration Resistance
1.27mm double amplitude 10~40Hz
Terminal (Copper Alloy) Strength
10N
Operating Temperature
-40oC to +105oC
Storage Temperature
-40oC to +155oC
Solderability
260oC for 5 s
Weight
4g, 8g
Coil Voltage
VDC
Coil Resistance
Ω +/- 10%
Pick Up Voltage
VDC (max)
70% of rated volt-
age
Release Voltage
VDC (min)
10% of rated volt-
age
Coil Power
W
Operate Time
ms
Release Time
ms
Rated
Max
5
6.0
45
3.50
0.5
.55
≤ 3
≤ 1.5
9
10.8
147
6.30
0.9
10
12.0
181
7.00
1.0
.57
12
14.4
254
8.40
1.2
.55
≤ 4
24
28.8
1152
16.80
2.4
* Values can change due to the switching frequency, desired
reliability levels, environmental conditions and in-rush load levels.
It is recommended to test actual load conditions for the applica-
tion. It is the user’s responsibility to determine the performance
suitability for their specific application. The use of any coil voltage
less than the rated coil voltage may compromise the operation of
the relay.


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn