Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

A101AS12VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part No. A101AS12VDC
Description  Switching capacity up to 30A
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A101AS12VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  A101AS12VDC Datasheet HTML 1Page - CIT Relay & Switch A101AS12VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A10
page 2
Bottom Views
Schematics & PC Layouts
Ordering Information
Dimensions
Units = mm
10.00
[.39]
13.05
[.51]
1.40
[.06]
2.30
[.09]
2.90 TYP
[.11]
12.04
[.47]
2.24
[.09]
1.60
[.06]
23.64
[.93]
13.10
[.52]
9.85
[.39]
2.90 TYP
[.11]
3.10
[.12]
7.85
[.31]
7.00
[.28]
(3X)
Ø1.25
[.05]
7.50
[.30]
0.50
[.02]
3.75
[.15]
0.85
[.03]
(2X)
Ø0.75
[.03]
1A
1C
7.85
[.31]
3.00
[.12]
7.10
[.28]
3.50
[.14]
0.45
[.02]
0.95
[.04]
7.85
[.31]
3.00
[.12]
7.10
[.28]
0.45
[.02]
3.50
[.14]
0.95
[.04]
19.16
[.75]
(4X)
Ø0.75
[.03]
(6X)
Ø1.25
[.05]
2A
2C
1. Series
A10
1C
S
12VDC
A10
2. Contact Arrangement
1A = SPST N.O.
1C = SPDT
2A = (2) SPST N.O.
2C = (2) SPDT
3. Sealing Option
S = Sealed
4. Coil Voltage
5VDC
9VDC
10VDC
12VDC
24VDC


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn