Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFP-A22A-D64M Datasheet(PDF) 1 Page - Schurter Inc.

Part # DKFP-A22A-D64M
Description  Magnetically Compensated Choke, compact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFP-A22A-D64M Datasheet(HTML) 1 Page - Schurter Inc.

  DKFP-A22A-D64M Datasheet HTML 1Page - Schurter Inc. DKFP-A22A-D64M Datasheet HTML 2Page - Schurter Inc. DKFP-A22A-D64M Datasheet HTML 3Page - Schurter Inc. DKFP-A22A-D64M Datasheet HTML 4Page - Schurter Inc. DKFP-A22A-D64M Datasheet HTML 5Page - Schurter Inc. DKFP-A22A-D64M Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Suppression Chokes
DKFP
https://www.schurter.com /PG81_82
EMC Products
Magnetically Compensated Choke, compact
Approvals and Compliances
Description
- Current compensated choke
- THT-terminals
- Multiple PCB-mounting options
- High inductance and compact dimensions
- Multiple pin configurations
Applications
- Attenuation of common mode interferences
- Designed for 230/400 VAC applications
- Chopper amplifiers
- DC drives and stepper motor controls
- Switching power supplies
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product, SPICE Library
Technical Data
Rated voltage
up to 250 VAC
Rated Current
0.3 - 10 A @ Ta 40 °C
Rated inductance
0.5 - 100 mH, Tol. -30% +50%
Power Operating Frequency
DC - 1 kHz
Terminal Type
THT
Weight
1 - 55 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Test Voltage
1.5 kV, 50 Hz, 1 min, winding to winding
Isolation Voltage
4 kV eff., winding to ambient
Climatic Category
40/125/56 acc. to IEC 60068-1
Allowable Operation Temp.
-40 °C to 125 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DKFP
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number:
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.


Similar Part No. - DKFP-A22A-D64M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP-A22A-D64M SCHURTER-DKFP-A22A-D64M Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
More results

Similar Description - DKFP-A22A-D64M

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DKFS SCHURTER-DKFS_17 Datasheet
325Kb / 3P
   Magnetically Compensated SMD Choke, compact
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com