Electronic Components Datasheet Search |
|
A11ASQ6VDC1.2D Datasheet(PDF) 1 Page - CIT Relay & Switch |
|
A11ASQ6VDC1.2D Datasheet(HTML) 1 Page - CIT Relay & Switch |
1 / 3 page page 1 www.citrelay.com phone - 763.535.2339 fax - 763.535.2194 Specifications and availability subject to change without notice. Dimensions shown in mm. Dimensions are shown for reference purposes only. RoHS Compliant A1 22.8 x 15.3 x 25.8 mm • Switching capacity up to 30A • Small size and light weight • PCB pin and quick connect mounting available • Suitable for automobile and lamp accessories Coil Voltage VDC Coil Resistance Ω +/- 10% Pick Up Voltage VDC (max) 70% of rated voltage Release Voltage VDC (min) 10% of rated voltage Coil Power W Operate Time ms Release Time ms Rated Max 1.2W 1.5W 6 7.8 30 24 4.20 .6 1.20 or 1.50 10 7 12 15.6 120 96 8.40 1.2 24 31.2 480 384 18.00 2.4 48 62.4 1920 1536 33.60 4.8 Contact Data* Coil Data* General Data* Contact Arrangement 1A = SPST N.O. 1C = SPDT Contact Rating 1A : 25A, 30A @ 14VDC 1C : 20A @ 14VDC Contact Resistance < 50 milliohms initial Contact Material AgSnO2 Maximum Switching Power 350W Maximum Switching Voltage 75VDC Maximum Switching Current 30A Electrical Life @ rated load 100K cycles, average Mechanical Life 10M cycles, average Insulation Resistance 100M Ω min. @ 500VDC initial Dielectric Strength, Coil to Contact 2500V rms min. @ sea level initial Contact to Contact 1500V rms min. @ sea level initial Shock Resistance 100m/s2 for 11 ms Vibration Resistance 1.27mm double amplitude 10~40Hz Terminal (Copper Alloy) Strength 8N (Quick Connect), 4N (PCB pins) Operating Temperature -40oC to +85oC Storage Temperature -40oC to +155oC Solderability 260oC for 5 s Weight 18.5g Features * Values can change due to the switching frequency, desired reliability levels, environmental conditions and in-rush load levels. It is recommended to test actual load conditions for the application. It is the user’s responsibility to determine the performance suitability for their specific application. The use of any coil voltage less than the rated coil voltage may compromise the operation of the relay. tures |
Similar Part No. - A11ASQ6VDC1.2D |
|
Similar Description - A11ASQ6VDC1.2D |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |