Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DKFP-A22A-021J Datasheet(PDF) 4 Page - Schurter Inc.

Part # DKFP-A22A-021J
Description  Magnetically Compensated Choke, compact
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DKFP-A22A-021J Datasheet(HTML) 4 Page - Schurter Inc.

  DKFP-A22A-021J Datasheet HTML 1Page - Schurter Inc. DKFP-A22A-021J Datasheet HTML 2Page - Schurter Inc. DKFP-A22A-021J Datasheet HTML 3Page - Schurter Inc. DKFP-A22A-021J Datasheet HTML 4Page - Schurter Inc. DKFP-A22A-021J Datasheet HTML 5Page - Schurter Inc. DKFP-A22A-021J Datasheet HTML 6Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
Suppression Chokes
DKFP
https://www.schurter.com /PG81_82
EMC Products
Impedance curves
DKFP_6248_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.5 A
0.9 A
2A
DKFP_A2xA_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.3A
0.6A
1A
1.5A
2A
DKFP_B2xB_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.4A
0.5A
0.6A
0.8A
1.2A
1.5A
2A
4A
DKFP_C2xC_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.3A
0.5A
0.8A
1A
1.2A
1.5A
2A
2.5A
3A
4A
DKFP_D2xD_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.6A
0.8A
1A
1.5A
2A
2.5A
3A
4A
DKFP_E2xE_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.5A
1A
1.4A
2A
4A
6A
DKFP_G22G_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
0.5A
1A
2A
4A
6A
DKFP_H22H_xxxx
10k
100k
1M
10M f [Hz]
z [
Ω]
1M
100k
10k
1k
100
10
1A
2A
4A
6A
8A
10A


Similar Part No. - DKFP-A22A-021J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP-A22A-021J SCHURTER-DKFP-A22A-021J Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
More results

Similar Description - DKFP-A22A-021J

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_V01 Datasheet
575Kb / 6P
   Magnetically Compensated Choke, compact
DKFS SCHURTER-DKFS_17 Datasheet
325Kb / 3P
   Magnetically Compensated SMD Choke, compact
DKFS SCHURTER-DKFS Datasheet
330Kb / 1P
   Magnetically Compensated SMD Choke, compact
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com