Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1559-3.3 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1559-3.3
Description  Backup Battery Controller with Fixed Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1559-3.3 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1559-3.3 Datasheet HTML 6Page - Linear Technology LTC1559-3.3 Datasheet HTML 7Page - Linear Technology LTC1559-3.3 Datasheet HTML 8Page - Linear Technology LTC1559-3.3 Datasheet HTML 9Page - Linear Technology LTC1559-3.3 Datasheet HTML 10Page - Linear Technology LTC1559-3.3 Datasheet HTML 11Page - Linear Technology LTC1559-3.3 Datasheet HTML 12Page - Linear Technology LTC1559-3.3 Datasheet HTML 13Page - Linear Technology LTC1559-3.3 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1559-3.3/LTC1559-5
If VCC is still less than VCC (rated value) – 7% (LTC1559-
3.3) after the first boost cycle, the LTC1559 immediately
reconnects SW to ground, repeating the boost cycle. If
after two consecutive pulses, VCC is still not above the
boost threshold VCC (rated value) – 7% (LTC1559-3.3),
the LTC1559 decides that the load is not so light after all,
and doubles the internal inductor charging current limit to
330mA for subsequent cycles. This is high current mode.
By doubling the peak inductor current, each boost cycle
effectively carries four times more energy compared to
low current mode (E = 1/2 • LI2), doubling the available
output power. When VCC exceeds the VCC (rated value)
– 7% (LTC1559-3.3) boost threshold, the LTC1559 stops
the boost converter and resets the internal 2-pulse counter.
The next time VCC falls below VCC (rated value) – 7%
(LTC1559-3.3), the boost converter restarts in low current
mode for at least two boost cycles. Moderate or changing
loads cause the LTC1559 to shift between the two peak
inductor current limits, keeping the output in tight regula-
tion. Near its maximum load capability, the LTC1559 will
stay in 330mA high current mode and the output voltage
VBAK will hover around VCC (rated value) – 7%
(LTC1559-3.3).
VCC Capacitor ESR
The type of output capacitor and the rated VCC value will
affect the LTC1559’s output ripple and efficiency. In most
applications, the VCC capacitor is primarily determined by
the requirements of the main power supply. Such a
capacitor will generally meet the requirements of the
LTC1559. In unusual circumstances or circuits where
the main system VCC capacitor is located some distance
away from the LTC1559, a local output capacitor may be
necessary.
The ripple on the VCC pin is equal to the capacitor ESR
voltage drop due to the boost converter’s output current
pulses. The ripple frequency and output duty cycle is
proportional to the inductor discharge time. Given a fixed
inductor value (22
µH) and a known peak current limit, the
booster’s discharge time in each boost cycle is propor-
tional to the difference between VBAK (93% of the rated VCC
for the LTC1559-3.3 and 92.5% of the rated VCC for the
LTC1559-5) and the battery cell voltage, VBAT (1.2V).
APPLICATIONS INFORMATION
Assuming ESR = 0.2
Ω, IIND(PEAK) = 330mA, VCC = 5V,
VRIPPLE(P-P) = (IIND(PEAK))(RESR(CAP))
= (330mA)(0.2
Ω)
= 66mV
Since VCC must be scaled down internally, the external
resistor ratio:
= 5V/1.272V
= 3.931
Therefore the ripple seen by the VCC comparators is:
= 66mV/3.931
= 16.79mV
The discharge time period,
tDISCH = (L • IIND(PEAK))/(VBAK – VBAT)
= (22
µH • 330mA)/(4.625 – 1.2V)
= 2.12
µs
For VCC = 3.3V and IIND(PEAK) = 330mA,
VRIPPLE(P-P) = 66mV
RB resistor ratio = 3.3/1.272 = 2.594
Ripple voltage = 25.4mV
tDISCH = 3.9µs
The internal VCC comparators are designed to have a slow
response time to filter away this ripple. The VCC (rated
value) – 5.5% (LTC1559-3.3) and VCC(rated value) – 9%
comparators have a 6
µs rising edge delay and 2µs falling
edge delay. The VCC (rated value) – 7% (LTC1559-3.3)
comparator has a similar 6
µs rising time delay but a much
longer falling time delay of 20
µs. This enables the com-
parator to control the boost converter properly, and avoids
turning off the boost converter prematurely due to false
triggering by the ESR ripple.
Exit from Backup
When a main battery is inserted into the system, the
LTC1559 follows a specific sequence to exit backup mode
and return control to the main supply. The sequence
depends on the type of main power supply used. In
systems where the main supply’s output impedance is


Similar Part No. - LTC1559-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
More results

Similar Description - LTC1559-3.3

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1559-3.3 LINER-LTC1559-3.3_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1559-5 LINER-LTC1559-5_15 Datasheet
252Kb / 20P
   Backup Battery Controller with Fixed Output
LTC1558-3.3 LINER-LTC1558-3.3_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-3.3 LINER-LTC1558-3.3 Datasheet
254Kb / 20P
   Backup Battery Controller with Programmable Output
LTC1558-5 LINER-LTC1558-5_15 Datasheet
259Kb / 20P
   Backup Battery Controller with Programmable Output
logo
Maxim Integrated Produc...
MAX16023 MAXIM-MAX16023 Datasheet
269Kb / 17P
   Battery-Backup Circuits with Regulated Output Voltage
Rev 0; 8/08
MAX20094 MAXIM-MAX20094 Datasheet
1Mb / 32P
   Backup Battery Charger and Boost Controller
2020
logo
ATMEL Corporation
AT73C202 ATMEL-AT73C202_14 Datasheet
54Kb / 21P
   Backup Battery Charger
logo
Rohm
BA6129AF ROHM-BA6129AF Datasheet
108Kb / 9P
   Reset IC with battery backup function
logo
ON Semiconductor
NCS32100 ONSEMI-NCS32100 Datasheet
915Kb / 29P
   Inductive Position Sensor with Battery Backup
November, 2022 - Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com