Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623CMUTBG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP5623CMUTBG
Description  Triple Output I2C Controlled RGB LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623CMUTBG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP5623CMUTBG Datasheet HTML 1Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 2Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 3Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 4Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 5Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 6Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 7Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 8Page - ON Semiconductor NCP5623CMUTBG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
NCP5623C
www.onsemi.com
4
MAXIMUM RATINGS
Symbol
Rating
Value
Unit
VBAT
Power Supply (see Figure 3)
−0.3 < Vbat < 7.0
V
Vout
Output Power Supply
7.0
V
SDA, SCL,
SHDI2C
Digital Input Voltage
Digital Input Current
−0.3 < V < VBAT
1
V
mA
ESD
Human Body Model: R = 1500
W, C = 100 pF (Note 3)
Machine Model
2
200
kV
V
PD
RqJC
RqJA
LLGA12 package
Power Dissipation @ TA = +85°C (Note 4)
Thermal Resistance Junction to Case
Thermal Resistance Junction to Air
200
51
200
mW
°C/W
°C/W
TA
Operating Ambient Temperature Range
−40 to +85
°C
TJ
Operating Junction Temperature Range
−40 to +125
°C
TJmax
Maximum Junction Temperature
+150
°C
Tstg
Storage Temperature Range
−65 to +150
°C
Latch−up current maximum rating per JEDEC standard: JESD78.
±100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
3. This device series contains ESD protection and exceeds the following tests:
Human Body Model (HBM)
±2.0 kV per JEDEC standard: JESD22−A114
Machine Model (MM)
±200 V per JEDEC standard: JESD22−A115.
4. The maximum package power dissipation limit must not be exceeded.
5. Moisture Sensitivity Level (MSL): 1 per IPC/JEDEC standard: J−STD−020A.


Similar Part No. - NCP5623CMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
More results

Similar Description - NCP5623CMUTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com