Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5623C Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP5623C
Description  Triple Output I2C Controlled RGB LED Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5623C Datasheet(HTML) 1 Page - ON Semiconductor

  NCP5623C Datasheet HTML 1Page - ON Semiconductor NCP5623C Datasheet HTML 2Page - ON Semiconductor NCP5623C Datasheet HTML 3Page - ON Semiconductor NCP5623C Datasheet HTML 4Page - ON Semiconductor NCP5623C Datasheet HTML 5Page - ON Semiconductor NCP5623C Datasheet HTML 6Page - ON Semiconductor NCP5623C Datasheet HTML 7Page - ON Semiconductor NCP5623C Datasheet HTML 8Page - ON Semiconductor NCP5623C Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2017
January, 2017 − Rev. 2
1
Publication Order Number:
NCP5623C/D
NCP5623C
Triple Output I2C Controlled
RGB LED Driver
The NCP5623C mixed analog circuit is a triple output LED driver
dedicated to the RGB illumination or backlight LCD display.
The built−in DC/DC converter is based on a high efficient charge
pump structure with operating mode 1x and 2x. It provides a 94% peak
efficiency. The tiny package makes the device suitable for room
limited portable applications.
Features
2.7 to 5.5 V Input Voltage Range
RGB Function Fully Supported
Programmable Integrated Gradual Dimming
90 mA Output Current Capability
94% Peak Efficiency
Built−in Short Circuit Protection
Provides Three Independent LED Drives
Support I2C Protocol
Embedded OVP / Open Load Protection
This is a Pb−Free Device
Typical Applications
Multicolor Illuminations
Portable Back Light
Digital Cellular Phone Camera Photo Flash
LCD and Key Board Simultaneous Drive
C3
220 nF
D3
D2
D1
C2
GND
C1
GND
SDA
R1
62 k
GND
SCL
GND
+Vbat
+Vcc
GND
MCU
I2C Port
C1P
1
Vbat
11
AGND
6
SDA
7
SCL
9
IREF
8
GND
2
LED1
5
LED2
4
LED3
3
Vout
10
C1N
12
U1
NCP5623C
Figure 1. Typical Multiple White LED Driver
1
mF/10 V
1
mF/6.3 V
GND
www.onsemi.com
1
Device
Package
Shipping
ORDERING INFORMATION
NCP5623CMUTBG
LLGA12
(Pb−Free)
3000/Tape & Reel
LLGA12
MU SUFFIX
CASE 513AA
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
PIN ASSIGNMENT
MARKING DIAGRAM
GU = Specific Device Code
M
= Date Code
G
= Pb−Free Package
GUM
G
G
1
(Note: Microdot may be in either location)
(Top View)
AGND
LED1
LED2
LED3
GND
SDA
IREF
SCL
VOUT
Vbat
C1P C1N
2
6
11
7
1
EXPAD


Similar Part No. - NCP5623C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
NCP5623CMUTBG ONSEMI-NCP5623CMUTBG Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
More results

Similar Description - NCP5623C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5623C ONSEMI-NCP5623C_11 Datasheet
133Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
July, 2011 ??Rev. 1
NCP5623B ONSEMI-NCP5623B_15 Datasheet
97Kb / 12P
   Triple Output I2C Controlled RGB LED Driver
February, 2015 ??Rev. 3
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
NCP5623B ONSEMI-NCP5623B Datasheet
159Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
February, 2009 ??Rev. 0
NCP5623C ONSEMI-NCP5623C Datasheet
160Kb / 11P
   Triple Output I2C Controlled RGB LED Driver
May, 2009 ??Rev. 0
logo
Linear Technology
LT3496 LINER-LT3496 Datasheet
263Kb / 20P
   Triple Output LED Driver
LT3496 LINER-LT3496_15 Datasheet
343Kb / 20P
   Triple Output LED Driver
logo
Kinetic Technologies.
KTD2037 KINETIC-KTD2037 Datasheet
741Kb / 22P
   I2C Programmable RGB LED Driver with AutoBlinQ™
August 2017 - Revision 04d
KTD2064 KINETIC-KTD2064 Datasheet
190Kb / 3P
   24-Channel RGB LED Driver with I2C Control
August 2021 - Revision 04c
logo
STMicroelectronics
TDA9206 STMICROELECTRONICS-TDA9206 Datasheet
127Kb / 12P
   I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com