Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8841MPX Datasheet(PDF) 6 Page - ON Semiconductor

Part # FAN8841MPX
Description  Dual Half-Bridge Piezoelectric Driver with Step-up DC-DC Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FAN8841MPX Datasheet(HTML) 6 Page - ON Semiconductor

Back Button FAN8841MPX Datasheet HTML 2Page - ON Semiconductor FAN8841MPX Datasheet HTML 3Page - ON Semiconductor FAN8841MPX Datasheet HTML 4Page - ON Semiconductor FAN8841MPX Datasheet HTML 5Page - ON Semiconductor FAN8841MPX Datasheet HTML 6Page - ON Semiconductor FAN8841MPX Datasheet HTML 7Page - ON Semiconductor FAN8841MPX Datasheet HTML 8Page - ON Semiconductor FAN8841MPX Datasheet HTML 9Page - ON Semiconductor FAN8841MPX Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN8841
• Rev. 1.0
5
Electrical Characteristics
VDD=3.0 V, VDRV=60 V, and TA= -40°C to +125°C. Typical values TA=25°C, unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Power Supply Section
IQ,DD
Quiescent Current for VDD
(5)
VEN=VCOMP=VDD,
VFB=1.0 V, VIN1=VIN2=0 V
800
1200
µA
I Q,DRV
Quiescent Current for VDRV
400
800
µA
ISD,DD
Shutdown Current for VDD
VEN=0 V,
VDD= VDRV =3 V
1
µA
ISD,DRV
Shutdown Current for VDRV
8
15
µA
VDDSTART
Start Threshold Voltage
2.6
2.7
2.8
V
VDDUVHYS
VDD UVLO Hysteresis Voltage
0.10
0.2
V
Error Amplifier Section
VFB
Feedback Reference Voltage
TA=25°C
0.99
1.00
1.01
V
IFB
FB pin Bias Current
VFB=0 V ~ 2 V
1
µA
V
FB1
Feedback Voltage Line Regulation
(6)
2.7 V < VDD < 5 V,
0.5
1.5
%/V
Gm
Transconductance
TA=25°C
800
µmho
Zero Current Detect Section
VZCD
Input Voltage Threshold
(7)
1.65
1.83
2.00
V
VCLAMPH
Input High Clamp Voltage
IDET=2.3 mA
3.0
3.5
4.0
V
VCLAMPL
Input Low Clamp Voltage
IDET= -2.3 mA
-0.30
0.12
0.50
V
IZCD,SR
Source Current Capability
-2.3
mA
IZCD,SK
Sink Current Capability
2.3
mA
tZCD,D
Delay From ZCD to Output Turn-On
(7)
50
200
ns
Maximum On-Time Section
tON,MAX
Maximum On-Time
15
25
35
µs
Soft-Start Timer Section
tSS
Internal Soft-Start
16
28
40
ms
Restart / Maximum Switching Frequency Limit Section
tRST
Restart Timer
15
25
35
µs
fMAX
Maximum Switching Frequency
(7)
900
1000
KHz
Notes:
5.
This is only the VDD current consumption with no switching condition. It does not include gate-drive current.
6.
The line regulation is calculated based on
OUT
IN
OUT
V
V
V
1
.
7.
This parameter, although guaranteed by design, is not tested in production.


Similar Part No. - FAN8841MPX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
   Single IGBT Gate Driver
logo
ON Semiconductor
FAN8811 ONSEMI-FAN8811 Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811MNTXG ONSEMI-FAN8811MNTXG Datasheet
341Kb / 14P
   High-Frequency, High Side and Low Side Gate Driver IC
April, 2019 ??Rev. 3
FAN8811T ONSEMI-FAN8811T Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
FAN8811TMPX ONSEMI-FAN8811TMPX Datasheet
901Kb / 17P
   High-Frequency, High Side and Low Side Gate Driver IC
April 2017- Rev. 0
More results

Similar Description - FAN8841MPX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN8831 ONSEMI-FAN8831 Datasheet
369Kb / 12P
   Sinusoidal Piezoelectric Actuator Driver Step-Up DC-DC Converter
December 2014 Rev. 1.0
logo
ACE Technology Co., LTD...
ACE714B ACE-ACE714B Datasheet
522Kb / 5P
   Step-up DC/DC Converter Backlight Driver
VER 1.2
logo
Linear Technology
LT1944 LINER-LT1944 Datasheet
164Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1 Datasheet
161Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944-1 LINER-LT1944-1_15 Datasheet
153Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
LT1944 LINER-LT1944_15 Datasheet
169Kb / 8P
   Dual Micropower Step-Up DC/DC Converter
logo
YOBON TECHNOLOGIES,INC.
YB1522 YOBON-YB1522 Datasheet
1Mb / 12P
   Step-up DC-DC Converter White LED Driver
logo
Taiwan Semiconductor Co...
TS1520 TSC-TS1520_10 Datasheet
221Kb / 12P
   Step-up DC-DC Converter, White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1508 YOBON-YB1508 Datasheet
774Kb / 7P
   Step-up DC-DC Converter , White LED Driver
YB1506 YOBON-YB1506 Datasheet
566Kb / 10P
   Step-up DC-DC Converter , White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com