Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8190EDWFR20G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8190EDWFR20G
Description  Precision Air-Core Tach/Speedo Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190EDWFR20G Datasheet(HTML) 5 Page - ON Semiconductor

  CS8190EDWFR20G Datasheet HTML 1Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 2Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 3Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 4Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 5Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 6Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 7Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 8Page - ON Semiconductor CS8190EDWFR20G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CS8190
www.onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 2. Function Generator Output Voltage vs.
Degrees of Deflection
Figure 3. Charge Pump Output Voltage vs.
Output Angle
0
45
90
135
180
225
270
315
0
45
90
135
180
225
270
315
−7
−6
−5
−4
−3
−2
−1
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
Frequency/Output Angle (
°)
Degrees of Deflection (
°)
Theoretical Angle (
°)
7.0 V
7.0 V
−7.0 V
−7.0 V
q Angle
(VCOS+) − (VCOS−)
(VSINE+) − (VSINE−)
Q + ARCTAN
VSIN
) * VSIN *
VCOS
) * VCOS *
Figure 4. Output Angle in Polar Form
Figure 5. Nominal Output Deviation
0
45
90
135
180
270
315
225
−1.50
−1.25
−1.00
−0.75
−0.50
−0.25
0.00
0.25
0.50
0.75
1.00
1.25
1.50
COS
SIN
Figure 6. Nominal Angle vs. Ideal Angle (After Calibrating at 180
5)
Nominal Angle (Degrees)
0
5
10
20
25
30
35
40
15
45
15
9
13
17
33
41
29
21
25
37
45
Ideal Degrees
Nominal Degrees
F VOUT + 2.0 V ) 2.0
FREQ
CCP
RT
(VREG * 0.7 V)


Similar Part No. - CS8190EDWFR20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8190EDWFR20G ONSEMI-CS8190EDWFR20G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190EDWFR20G ONSEMI-CS8190EDWFR20G Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
More results

Similar Description - CS8190EDWFR20G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com