Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8190ENF16G Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS8190ENF16G
Description  Precision Air-Core Tach/Speedo Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8190ENF16G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS8190ENF16G Datasheet HTML 4Page - ON Semiconductor CS8190ENF16G Datasheet HTML 5Page - ON Semiconductor CS8190ENF16G Datasheet HTML 6Page - ON Semiconductor CS8190ENF16G Datasheet HTML 7Page - ON Semiconductor CS8190ENF16G Datasheet HTML 8Page - ON Semiconductor CS8190ENF16G Datasheet HTML 9Page - ON Semiconductor CS8190ENF16G Datasheet HTML 10Page - ON Semiconductor CS8190ENF16G Datasheet HTML 11Page - ON Semiconductor CS8190ENF16G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
CS8190
www.onsemi.com
8
R3
R4
R2
C3
C1
D2
R1
D1
GND
COSINE
SINE
C4
CCP
RT
+
Speedo Input
Battery
Air Core
Gauge
200
W
CP+
CP−
SQOUT
F/VOUT
VREG
GND
GND
SINE+
SINE−
BIAS
FREQIN
GND
GND
COS+
COS−
VCC
1
Speedometer
Trim Resistor
± 20 PPM/°C
0.1
mF
1.0 A
600 PIV
Figure 9. Speedometer or Tachometer Application
3.9,
500 mW
10 k
W
3.0 k
W
1.0 k
W
0.0033
mF
0.47
mF
0.1
mF
50 V,
500 mW
Zener
± 30 PPM/°C
C2
2000
mF
Notes:
1. C2 (> 2000
mF) is needed if return to zero function is required.
2. The product of CCP and RT have a direct effect on the transfer function (f to V conversion) and therefore directly affect
temperature compensation.
3. CCP Range; 20 pF to 0.2 mF.
4. RT Range; 100 kW to 500 kW.
5. The IC must be protected from transients above 60 V and reverse battery conditions.
6. Additional filtering on the FREQIN lead may be required.
7. Gauge coil connections to the IC must be kept as short as possible (
≤ 3.0 inch) for best pointer stability.
Design Example
Maximum meter Deflection = 270
°
Maximum Input Frequency = 350 Hz
1. Select RT and CCP
q + 970
FREQ
CCP
RT + 270°
Let CCP = 0.0033
mF, find RT
RT +
270
°
970
350 Hz
0.0033
mF
RT + 243 kW
RT should be a 250 k
W potentiometer to trim out any
inaccuracies due to IC tolerances or meter movement
pointer placement.
2. Select R3 and R4
Resistor R3 sets the output current from the voltage
regulator. The maximum output current from the voltage
regulator is 10 mA. R3 must ensure that the current does not
exceed this limit.
Choose R3 = 3.3 k
W
The maximum charge current for CCP is worst case
estimated at:
VREG * 0.7 V
3.3 k
W
+ 1.90 mA
CCP must charge and discharge fully during each cycle of
the input signal. Time for one cycle at maximum frequency
is 2.85 ms. To ensure that CCP is charged, assume that the
(R3 + R4) CCP time constant is less than 10% of the
minimum input period.
T
+ 10%
1
350 Hz
+ 285 ms
Choose R4 = 1.0 k
W.
Discharge time: tDCHG = R4
× CCP = 3.3 kW × 0.0033 mF
= 3.3
ms
Charge time: tCHG = (R3 + R4)CCP = 4.3 k
W. × 0.0033 mF
= 14.2
ms
3. Determine C4
C4 is selected to satisfy both the maximum allowable
ripple voltage and response time of the meter movement.
C4
+
CCP(VREG * 0.7 V)
DVMAX
With C4 = 0.47
mF, the F/V ripple voltage is 44 mV.
The last component to be selected is the return to zero
capacitor C2. This is selected by increasing the input signal
frequency to its maximum so the pointer is at its maximum
deflection, then removing the power from the circuit. C2
should be large enough to ensure that the pointer always
returns to the 0
° position rather than 360° under all operating
conditions.
Figure 10 shows how the CS8190 and the CS8441 are
used to produce a Speedometer and Odometer circuit.


Similar Part No. - CS8190ENF16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
113Kb / 11P
   Precision Air?묬ore Tach/Speedo Driver with Return to Zero
June, 2006 ??Rev. 6
CS8190ENF16G ONSEMI-CS8190ENF16G Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
More results

Similar Description - CS8190ENF16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8191 ONSEMI-CS8191 Datasheet
102Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS4101 ONSEMI-CS4101 Datasheet
74Kb / 8P
   Precision Air-Core Tach/Speedo Driver
April, 2001 - Rev. 5
CS8190 ONSEMI-CS8190 Datasheet
103Kb / 12P
   Precision Air-Core Tach/Speedo Driver
March, 2001 ??Rev. 4
CS8190 ONSEMI-CS8190_12 Datasheet
165Kb / 11P
   Precision Air-Core Tach/Speedo Driver
January, 2012 ??Rev. 7
CS4121EDWFR20G ONSEMI-CS4121EDWFR20G Datasheet
94Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
CS4121 ONSEMI-CS4121 Datasheet
99Kb / 12P
   Low Voltage Precision Air-Core Tach/Speedo Driver
June, 2004 ??Rev. 8
logo
Cherry Semiconductor Co...
CS8190 CHERRY-CS8190 Datasheet
187Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
CS8191 CHERRY-CS8191 Datasheet
186Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Short Circuit Protection
logo
IK Semicon Co., Ltd
IL8190N IKSEMICON-IL8190N Datasheet
445Kb / 11P
   Precision Air-Core Tach/Speedo Driver with Return to Zero
logo
Cherry Semiconductor Co...
CS4101 CHERRY-CS4101 Datasheet
168Kb / 8P
   Precision Air-Core Tach/Speedo Driver with Separate Function Generator Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com