Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ9712 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZ9712
Description  SURFACE MOUNT LOW CURRENT ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9712 Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZ9712 Datasheet HTML 1Page - Diodes Incorporated DDZ9712 Datasheet HTML 2Page - Diodes Incorporated DDZ9712 Datasheet HTML 3Page - Diodes Incorporated DDZ9712 Datasheet HTML 4Page - Diodes Incorporated DDZ9712 Datasheet HTML 5Page - Diodes Incorporated DDZ9712 Datasheet HTML 6Page - Diodes Incorporated DDZ9712 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DDZ9678 - DDZ9717
Document number: DS30410 Rev. 16 - 2
4 of 7
www.diodes.com
September 2017
© Diodes Incorporated
DDZ9678 - DDZ9717
14
16
18
20
V , ZENER VOLTAGE (V)
Fig. 6 Typical
Characteristics,
DDZ9702 - DDZ9705
Z
Zener Breakdown
15
17
19
1m
10m
100m
19
21
23
25
V , ZENER VOLTAGE (V)
Fig. 7 Typical
Characteristics,
DDZ9707 - DDZ9709
Z
Zener Breakdown
20
22
24
1m
10m
100m
26
30
34
38
V , ZENER VOLTAGE (V)
Fig. 8 Typical
Characteristics,
DDZ9711 - DDZ9715
Z
Zener Breakdown
28
32
36
1m
10m
100m
38
42
46
50
V , ZENER VOLTAGE (V)
Fig. 9 Typical Zener Breakdown Characteristics,
DDZ9716 - DDZ9717
Z
40
44
48
1m
10m
100m
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 10 Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 2V
R
V =1V
R
0.1
10
100
1
1,000
10,000
2
3
4
5
6
7
V , ZENER VOLTAGE (V)
Fig. 11 Typical Zener Impedance Characteristics,
DDZ9681 - DDZ9692
Z


Similar Part No. - DDZ9712

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9712 DIODES-DDZ9712 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9712 DIODES-DDZ9712 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9712 DIODES-DDZ9712 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9712 DIODES-DDZ9712 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9712-7 DIODES-DDZ9712-7 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
More results

Similar Description - DDZ9712

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9691Q-13 DIODES-DDZ9691Q-13 Datasheet
132Kb / 4P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_15 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678-7 DIODES-DDZ9678-7 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
logo
First Components Intern...
1ZS110 FCI-1ZS110 Datasheet
122Kb / 2P
   1.0 WATT SURFACE MOUNT ZENER DIODE LOW ZENER IMPEDANCE
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com