Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ9707 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDZ9707
Description  SURFACE MOUNT LOW CURRENT ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ9707 Datasheet(HTML) 6 Page - Diodes Incorporated

  DDZ9707 Datasheet HTML 1Page - Diodes Incorporated DDZ9707 Datasheet HTML 2Page - Diodes Incorporated DDZ9707 Datasheet HTML 3Page - Diodes Incorporated DDZ9707 Datasheet HTML 4Page - Diodes Incorporated DDZ9707 Datasheet HTML 5Page - Diodes Incorporated DDZ9707 Datasheet HTML 6Page - Diodes Incorporated DDZ9707 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DDZ9678 - DDZ9717
Document number: DS30410 Rev. 16 - 2
6 of 7
www.diodes.com
September 2017
© Diodes Incorporated
DDZ9678 - DDZ9717
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
-0.08
0.12
-0.04
-0.06
10
16
20
V , ZENER VOLTAGE (V)
Fig. 18 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ9697 - DDZ9707
Z
14
12
18
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
20
26
30
V , ZENER VOLTAGE (V)
Fig. 19 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ9707 - DDZ9713
Z
24
22
28
-0.02
0
0.02
0.04
0.06
0.08
0.10
-0.08
0.12
-0.04
-0.06
30
42
50
V , ZENER VOLTAGE (V)
Fig. 20 Typical Temperature Coefficient of
Zener Voltage vs. Zener Voltage, DDZ9713 - DDZ9717
Z
38
34
46
-0.02
0
0.02
0.04
0.06
0.08
0.10
T , AMBIENT TEMPERATURE (°C)
Typical Leakage vs. Ambient Temperature, DDZ9681
A
Fig. 21
SOD123
Dim
Min
Max
Typ
A
1.00
1.35
1.05
A1
0.00
0.10
0.05
b
0.52
0.62
0.57
c
0.10
0.15
0.11
D
1.40
1.70
1.55
E
2.55
2.85
2.65
He
3.55
3.85
3.65
L
0.25
0.40
0.30
a
--
All Dimensions in mm
c
He
E
b
D
All
Al
l R0.10
0
L
A
A1
All
R0.10
0
All 7°


Similar Part No. - DDZ9707

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9707 DIODES-DDZ9707 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
DDZ9707 DIODES-DDZ9707 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9707 DIODES-DDZ9707 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9707 DIODES-DDZ9707 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9707-7 DIODES-DDZ9707-7 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
More results

Similar Description - DDZ9707

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9691Q-13 DIODES-DDZ9691Q-13 Datasheet
132Kb / 4P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_15 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678-7 DIODES-DDZ9678-7 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
logo
First Components Intern...
1ZS110 FCI-1ZS110 Datasheet
122Kb / 2P
   1.0 WATT SURFACE MOUNT ZENER DIODE LOW ZENER IMPEDANCE
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com