Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZX8V2C Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DDZX8V2C
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX8V2C Datasheet(HTML) 4 Page - Diodes Incorporated

  DDZX8V2C Datasheet HTML 1Page - Diodes Incorporated DDZX8V2C Datasheet HTML 2Page - Diodes Incorporated DDZX8V2C Datasheet HTML 3Page - Diodes Incorporated DDZX8V2C Datasheet HTML 4Page - Diodes Incorporated DDZX8V2C Datasheet HTML 5Page - Diodes Incorporated DDZX8V2C Datasheet HTML 6Page - Diodes Incorporated DDZX8V2C Datasheet HTML 7Page - Diodes Incorporated DDZX8V2C Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DDZX5V1B - DDZX43
Document number: DS30408 Rev. 13 - 2
4 of 8
www.diodes.com
May 2017
© Diodes Incorporated
DDZX5V1B - DDZX43
14
16
18
20
V , ZENER VOLTAGE (V)
Fig. 6 Typical
Characteristics
DDZX15 - DDZX18C
Z
Zener Breakdown
15
17
19
1m
10m
100m
19
21
23
25
V , ZENER VOLTAGE (V)
Fig. 7 Typical Zener Breakdown Characteristics
DDZX20C - DDZX24C
Z
20
22
24
1m
10m
100m
26
30
34
38
V , ZENER VOLTAGE (V)
Z
Fig. 8 Typical Zener Breakdown Characteristics
DDZX27D - DDZX33
28
32
36
DDZX27D
DDZX33
1m
10m
100m
Fig.9 Typical Zener Breakdown Characteristics
DDZX43
100m
38
40
42
44
46
48
50
V , ZENER VOLTAGE (V)
z
DDZX43
10m
1m
100µ
10µ
1µ
100n
1
10
100
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 10 Typical Total Capacitance
vs. Nominal Zener Voltage
Z
T = 25 °C
f = 1MHz
J
V = 2V
R
V =1V
R
0.1
10
100
1
1,000
10,000
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12
V , ZENER VOLTAGE (V)
Fig. 11 Typical Zener Impedance Characteristics,
DDZX5V6B - DDZX12C
Z


Similar Part No. - DDZX8V2C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX8V2C DIODES-DDZX8V2C Datasheet
175Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 1 - 2
DDZX8V2C DIODES-DDZX8V2C Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX8V2C DIODES-DDZX8V2C Datasheet
166Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 8 - 2
DDZX8V2C-7 DIODES-DDZX8V2C-7 Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX8V2CTS DIODES-DDZX8V2CTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
More results

Similar Description - DDZX8V2C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com