Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA2018 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SA2018
Description  LOW FREQUENCY TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA2018 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SA2018 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA2018 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA2018 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA2018 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Production specification
LOW FREQUENCY TRANSISTOR
2SA2018
H028
www.gmesemi.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN. Typ. MAX. UNIT
V(BR)CBO
Collector-base breakown voltage
IC=-10μA,IE=0
-15
V(BR)CEO
Collector- emitter breakown voltage
IC=-1mA,IB=0
-12
V(BR)BEO
Emitter-base breakown voltage
IE=-10μA,IC=0
-6
ICBO
Collector cut-off current
IE=0,VCB=-15V
-100 nA
IEBO
Emitter cut-off current
IC=0,VEB=-6V
-100 nA
hFE
DC current gain
VCE=-2V,IC=-10mA
270
680
VCE(sat)
collector-emitter saturation voltage
IC=-50mA,IB=-5mA
-100 -250 mV
Cobo
Output capacitance
IE=0,VCB=-10V,f=1MHz
6.5
pF
fT
transition frequency
IE=10A,VCE =-2V,
f=100MHz
260
MHz


Similar Part No. - 2SA2018

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
145Kb / 3P
   Low frequency transistor
logo
Weitron Technology
2SA2018 WEITRON-2SA2018 Datasheet
181Kb / 3P
   PNP Genera Purpose Transistors
logo
Rohm
2SA2018 ROHM-2SA2018 Datasheet
1Mb / 12P
   Low frequency transistor(-12V, -500mA)
More results

Similar Description - 2SA2018

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
2SB1197KXLT1 WILLAS-2SB1197KXLT1 Datasheet
316Kb / 3P
   Low Frequency Transistor
logo
Leshan Radio Company
L2SA2030M3T5G LRC-L2SA2030M3T5G Datasheet
107Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SD2150 KEXIN-2SD2150 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
DONGGUAN YOU FENG WEI E...
2SB1197 YFWDIODE-2SB1197 Datasheet
325Kb / 2P
   Low Frequency Transistor
logo
Galaxy Semi-Conductor H...
2SC5585 BILIN-2SC5585 Datasheet
166Kb / 4P
   LOW FREQUENCY TRANSISTOR
2SA2018 BILIN-2SA2018 Datasheet
169Kb / 4P
   LOW FREQUENCY TRANSISTOR
logo
Rohm
2SA2018 ROHM-2SA2018_1 Datasheet
145Kb / 3P
   Low frequency transistor
logo
Guangdong Kexin Industr...
2SA2018 KEXIN-2SA2018 Datasheet
35Kb / 1P
   Low Frequency Transistor
logo
Rohm
UML1N ROHM-UML1N Datasheet
25Kb / 1P
   Low-frequency transistor
2SA2018 ROHM-2SA2018 Datasheet
80Kb / 3P
   Low frequency transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com