Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA940 Datasheet(PDF) 4 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SA940
Description  Epitaxial Planar PNP Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SA940 Datasheet(HTML) 4 Page - Galaxy Semi-Conductor Holdings Limited

  2SA940 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SA940 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SA940 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SA940 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Production specification
Epitaxial Planar PNP Transistor
2SA940
X027
www.gmesemi.com
Rev.A
4
PACKAGE OUTLINE
Plastic surface mounted package
TO-220AB
TO-220AB
Dim
Min
Max
A
9.80
10.30
B
8.70
9.10
C
4.47
4.67
D
1.17
1.37
E
2.64
2.84
F
13.14
13.74
G
2.44
2.64
H
28.03
28.83
J
0.28
0.48
K
1.22
1.32
L
0.71
0.91
M
2.40
2.60
N
3.76
3.96
All Dimensions in mm
A
C
D
J
G
K
L
M
N


Similar Part No. - 2SA940

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA940 MOSPEC-2SA940 Datasheet
113Kb / 3P
   POWER TRANSISTORS(1.5A,150V,25W)
logo
Jiangsu Changjiang Elec...
2SA940 JIANGSU-2SA940 Datasheet
402Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Wing Shing Computer Com...
2SA940 WINGS-2SA940 Datasheet
25Kb / 1P
   PNP EPITAXIAL SILICON TRANSISTOR(POWER AMPLIFIER VERTICAL DEFLECTION OUTPUT)
logo
New Jersey Semi-Conduct...
2SA940 NJSEMI-2SA940 Datasheet
183Kb / 2P
   Silicon PNP Power Transistor
logo
TRANSYS Electronics Lim...
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
More results

Similar Description - 2SA940

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com