Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DFK Datasheet(PDF) 1 Page - Schurter Inc.

Part # DFK
Description  Magnetically Compensated Choke, 1- and 3-phase
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

DFK Datasheet(HTML) 1 Page - Schurter Inc.

  DFK_17 Datasheet HTML 1Page - Schurter Inc. DFK_17 Datasheet HTML 2Page - Schurter Inc. DFK_17 Datasheet HTML 3Page - Schurter Inc. DFK_17 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Suppression Chokes
DFK
https://www.schurter.com /PG81_82
EMC Products
Magnetically Compensated Choke, 1- and 3-phase
Approvals and Compliances
Description
- Current compensated choke
- 1- or 3-phase choke
- THT terminals or wire leads
- Flange for mounting onto printed circuit board
- Fully potted resign
Applications
- Attenuation of common mode interferences
- May also be used in direct current applications where magnetic com-
pensation is required
- Designed for 230/400 VAC applications
Weblinks
pdf datasheet, html-datasheet, General Product Information, Distributor-
Stock-Check, Detailed request for product
Technical Data
Rated voltage
up to 440 VAC
Rated Current
0.5 - 15 A @ Ta 40 °C
Rated inductance
1 - 20 mH, Tol. -30% +50%
Power Operating Frequency
50 - 400 Hz
Terminal Type
THT, Flexible wire
Weight
6 - 163 g
Material: Housing
UL 94V-0
Sealing Compound
UL 94V-0
Test Voltage
1.8 kV, 50 Hz, 1 min, winding to winding
Isolation Voltage
2 kV eff., winding to ambient
Climatic Category
25/100/21 acc. to IEC 60068-1
Allowable Operation Temp.
-25 °C to 100 °C
Approvals and Compliances
Detailed information on product approvals, code requirements, usage instructions and detailed test conditions can be looked up in Details about
Approvals
Approvals
The approval mark is used by the testing authorities to certify compliance with the safety requirements placed on electronic products.
Approval Reference Type: DFK
Approval Logo
Certificates
Certification Body
Description
UL Approvals
UL
UL File Number:
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.


Similar Part No. - DFK_17

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFK-20 SCHURTER-DFK-20 Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
DFK-25 SCHURTER-DFK-25 Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
DFK-33 SCHURTER-DFK-33 Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
DFK-40 SCHURTER-DFK-40 Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
DFK-48 SCHURTER-DFK-48 Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
More results

Similar Description - DFK_17

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
DFK SCHURTER-DFK_V01 Datasheet
470Kb / 4P
   Magnetically Compensated Choke, 1- and 3-phase
DFK SCHURTER-DFK Datasheet
423Kb / 3P
   Magnetically Compensated Choke, 1- and 3-phase
DFKH SCHURTER-DFKH Datasheet
367Kb / 2P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF Datasheet
371Kb / 2P
   Magnetically Compensated Choke, 1-phase, flat design
DFKH SCHURTER-DFKH_17 Datasheet
299Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKH SCHURTER-DFKH_V01 Datasheet
310Kb / 3P
   Magnetically Compensated Choke, 1-phase, high design
DFKF SCHURTER-DFKF_17 Datasheet
291Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DFKF SCHURTER-DFKF_V01 Datasheet
302Kb / 3P
   Magnetically Compensated Choke, 1-phase, flat design
DKFP SCHURTER-DKFP Datasheet
632Kb / 4P
   Magnetically Compensated Choke, compact
DKFP SCHURTER-DKFP_17 Datasheet
567Kb / 6P
   Magnetically Compensated Choke, compact
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com