Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIHM44-1R5 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SIHM44-1R5
Description  SMT Power Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SIHM44-1R5 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SIHM44-1R5 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tolerance of inductance
0.9~100uH 10
I
: rated current.
L<10%, T<45
at I
Operating temperature: -20
to 105
(including self-temperature rise)
o
Test condition at 25 C: 100KHz, 0.1V
o
RATED
C
RATED
oo
CC
SMT Power Inductor
SIHM44 Type
Features
Low profile(2.9mm max. hight) SMD type.
Unshielded.
Self-leads, suitable for high density
High energy storage and low DCR.
Provided with embossed carrier tape packing.
Ideal for power source circuits, DC-DC converter,
DC-AC inverters inductor application.
In addition to the standard versions shown here,
custom inductors are available to meet your exact requirements.
mounting.
0.7
3.5
DELTA ELECTRONICS, INC.
(TAOYUAN PLANT CPBG)
L
DCR
I
PART NO.
(uH)
( ) MAX
(Adc)
RATED
SIHM44-0R9
0.9
0.038
3.00
SIHM44-1R2
1.2
0.050
2.90
SIHM44-1R5
1.5
0.055
2.50
SIHM44-1R8
1.8
0.062
2.30
SIHM44-2R2
2.2
0.075
2.10
SIHM44-2R7
2.7
0.095
1.80
SIHM44-3R3
3.3
0.110
1.70
SIHM44-3R9
3.9
0.130
1.40
SIHM44-4R7
4.7
0.150
1.30
SIHM44-5R6
5.6
0.170
1.20
SIHM44-6R8
6.8
0.195
1.10
SIHM44-8R2
8.2
0.230
1.00
SIHM44-100
10
0.290
0.95
SIHM44-120
12
0.375
0.85
SIHM44-150
15
0.450
0.75
SIHM44-180
18
0.590
0.70
SIHM44-220
22
0.680
0.64
SIHM44-270
27
0.820
0.58
SIHM44-330
33
1.160
0.50
SIHM44-390
39
1.210
0.48
SIHM44-470
47
1.400
0.45
SIHM44-560
56
1.780
0.40
SIHM44-680
68
2.020
0.36
SIHM44-820
82
2.240
0.32
SIHM44-101
100
3.150
0.29
18
Electrical Characteristics :
Recommended Pad
Mechanical Dimension: Unit: mm
252, SAN YING ROAD, KUEISAN INDUSTRIAL ZONE, TAOYUAN SHIEN, 333, TAIWAN, R.O.C.
TEL: 886-3-3591968; FAX: 886-3-3591991
http://www.deltaww.com
3.35 0.2
2.9 Max.
3.9
2.85 0.2
1.1 Min.
2.6 0.2
0.01
0.10
1.00
10.00
CURRENT (A)
0.10
1.00
10.00
100.00
101
680
1R4
6R8
8R2
120
180
270
470
820
560
390
330
220
150
100
4R7
5R6
3R0
2R7
0R9
4R0
2R0
1R7
1R2


Similar Part No. - SIHM44-1R5

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
SIH0901-01 FRONTIER-SIH0901-01 Datasheet
121Kb / 1P
   CCFL Inverter Transformer
SIH0901-01-LFR FRONTIER-SIH0901-01-LFR Datasheet
121Kb / 1P
   CCFL Inverter Transformer
SIH1005-01 FRONTIER-SIH1005-01 Datasheet
125Kb / 1P
   CCFL Inverter Transformer
SIH1005-01-LFR FRONTIER-SIH1005-01-LFR Datasheet
125Kb / 1P
   CCFL Inverter Transformer
SIH1202-01 FRONTIER-SIH1202-01 Datasheet
120Kb / 1P
   CCFL Inverter Transformer
More results

Similar Description - SIHM44-1R5

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
MOS6020 ETC-MOS6020 Datasheet
84Kb / 2P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com