Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA7114H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SAA7114H
Description  PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter, VBI data slicer and high performance scaler
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7114H Datasheet(HTML) 2 Page - NXP Semiconductors

  SAA7114H Datasheet HTML 1Page - NXP Semiconductors SAA7114H Datasheet HTML 2Page - NXP Semiconductors SAA7114H Datasheet HTML 3Page - NXP Semiconductors SAA7114H Datasheet HTML 4Page - NXP Semiconductors SAA7114H Datasheet HTML 5Page - NXP Semiconductors SAA7114H Datasheet HTML 6Page - NXP Semiconductors SAA7114H Datasheet HTML 7Page - NXP Semiconductors SAA7114H Datasheet HTML 8Page - NXP Semiconductors SAA7114H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
2004 Mar 03
2
Philips Semiconductors
Product specification
PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC
comb filter, VBI data slicer and high performance scaler
SAA7114
CONTENTS
1
FEATURES
1.1
Video decoder
1.2
Video scaler
1.3
Vertical Blanking Interval (VBI) data decoder
and slicer
1.4
Audio clock generation
1.5
Digital I/O interfaces
1.6
Miscellaneous
2
APPLICATIONS
3
GENERAL DESCRIPTION
4
QUICK REFERENCE DATA
5
ORDERING INFORMATION
6
BLOCK DIAGRAM
7
PINNING
8
FUNCTIONAL DESCRIPTION
8.1
Decoder
8.2
Decoder output formatter
8.3
Scaler
8.4
VBI data decoder and capture
(subaddresses 40H to 7FH)
8.5
Image port output formatter
(subaddresses 84H to 87H)
8.6
Audio clock generation
(subaddresses 30H to 3FH)
9
INPUT/OUTPUT INTERFACES AND PORTS
9.1
Analog terminals
9.2
Audio clock signals
9.3
Clock and real-time synchronization signals
9.4
Video expansion port (X port)
9.5
Image port (I port)
9.6
Host port for 16-bit extension of video data I/O
(H port)
9.7
Basic input and output timing diagrams I port
and X port
10
BOUNDARY SCAN TEST
10.1
Initialization of boundary scan circuit
10.2
Device identification codes
11
LIMITING VALUES
12
THERMAL CHARACTERISTICS
13
CHARACTERISTICS
14
APPLICATION INFORMATION
15
I2C-BUS DESCRIPTION
15.1
I2C-bus format
15.2
I2C-bus details
15.3
Programming register audio clock generation
15.4
Programming register VBI data slicer
15.5
Programming register interfaces and scaler
part
16
PROGRAMMING START SET-UP
16.1
Decoder part
16.2
Audio clock generation part
16.3
Data slicer and data type control part
16.4
Scaler and interfaces
17
PACKAGE OUTLINES
18
SOLDERING
18.1
Introduction to soldering surface mount
packages
18.2
Reflow soldering
18.3
Wave soldering
18.4
Manual soldering
18.5
Suitability of surface mount IC packages for
wave and reflow soldering methods
19
DATA SHEET STATUS
20
DEFINITIONS
21
DISCLAIMERS
22
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
More results

Similar Description - SAA7114H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7114H PHILIPS-SAA7114H Datasheet
548Kb / 140P
   PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC combfilter, VBI-data slicer and high performance scaler
2000 Mar 15
SAA7115 PHILIPS-SAA7115 Datasheet
732Kb / 214P
   PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter, High Performance Scaler, I2C Sliced Data Readback and SQ PIXEL OUTPUT
23 Oct 2001
logo
Intersil Corporation
TW9910 INTERSIL-TW9910 Datasheet
150Kb / 3P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Renesas Technology Corp
TW9900 RENESAS-TW9900 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
TW9910 RENESAS-TW9910 Datasheet
160Kb / 2P
   Low Power NTSC/PAL/SECAM Video Decoder with VBI Slicer
logo
Zoran Corporation
CVD2 ZORAN-CVD2 Datasheet
225Kb / 2P
   3D Comb Filter NTSC/PAL/SECAM Video Decoder
CVD1 ZORAN-CVD1 Datasheet
222Kb / 2P
   2D Comb Filter NTSC/PAL/SECAM Video Decoder
logo
Texas Instruments
TVP5160 TI-TVP5160 Datasheet
188Kb / 2P
[Old version datasheet]   TVP5160: 3D Comb-Filter NTSC/PAL/SECAM Video Decoder
logo
Asahi Kasei Microsystem...
AK8853XQ AKM-AK8853XQ Datasheet
616Kb / 70P
   NTSC/PAL/SECAM Digital Video Decoder
AK8859VN AKM-AK8859VN Datasheet
704Kb / 72P
   NTSC/PAL/SECAM Digital Video Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com