Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NL1015T-01AC Datasheet(PDF) 1 Page - II-VI Marlow, Inc.

Part # NL1015T-01AC
Description  Single-Stage Thermoelectric Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

NL1015T-01AC Datasheet(HTML) 1 Page - II-VI Marlow, Inc.

  NL1015T-01AC Datasheet HTML 1Page - II-VI Marlow, Inc. NL1015T-01AC Datasheet HTML 2Page - II-VI Marlow, Inc. NL1015T-01AC Datasheet HTML 3Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MI Form 005-0808 Rev. A
DOC # 102-0293 REV H - PAGE 1 OF 3
www.marlow.com
Technical Data Sheet for
NL1015T
Single-Stage Thermoelectric Module
NOMINAL PERFORMANCE IN NITROGEN
Hot Side Temperature (°C)
27
50
Δ Tmax (°C):
61
69
Qmax (watts):
2.6
3.0
Imax (amps):
1.0
1.0
Vmax (vdc):
4.6
5.3
AC Resistance (ohms):
4.07
--
Device ZT
0.77
--
PRODUCT FEATURES
RoHS EU Compliant
Ceramic Material: Aluminum Oxide
-01AC, -02AC: External Metallization is Au flash, suitable
for soldering.
Maximum process temperature is 120°C.
ORDERING OPTIONS
Model Number
Description
NL1015T-01AC
Both Surfaces are Metallized
NL1015T-02AC
Hot Side Exterior is Metallized
NL1015T-03AC
No Metallization
OPERATION CAUTIONS
For maximum reliability, storage and operation below
100°C in a non-condensing environment is recommended.
To minimize thermal stress when operating in cooling
mode, use linear/proportional temperature control or a
similar method rather than an ON/OFF method.
INSTALLATION
Recommended mounting methods: Bonding with thermal
epoxy or soldering with metallized ceramics. For additional
information, please refer to our TEC Installation Guide.
II-VI Marlow – Dallas, TX USA
214-340-4900
877-627-5691
marlow.sales@ii-vi.com
Marlow Industries Europe
GmbH - Germany
+49 (0) 6150 5439 - 403
info@marlow-europe.eu
II-VI Japan Inc.
81 43 297 2693 (tel)
center@ii-vi.co.jp
www.ii-vi.co.jp
II-VI Singapore Pte., Ltd.
(65) 6481 8215 (tel)
info@ii-vi.com.sg
Marlow Industries China, II-VI
Technologies Beijing
86-10-643 98226
info@iivibj.com


Similar Part No. - NL1015T-01AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
NL1015T-01AC VIMARLOW-NL1015T-01AC Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
More results

Similar Description - NL1015T-01AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
XLT3-8 VIMARLOW-XLT3-8 Datasheet
163Kb / 2P
   Single-Stage Thermoelectric Module
NL1020T VIMARLOW-NL1020T_17 Datasheet
648Kb / 3P
   Single-Stage Thermoelectric Module
XLT2416 VIMARLOW-XLT2416_17 Datasheet
511Kb / 2P
   Single-Stage Thermoelectric Module
XLT2427 VIMARLOW-XLT2427_17 Datasheet
506Kb / 2P
   Single-Stage Thermoelectric Module
PL020-4-30 VIMARLOW-PL020-4-30 Datasheet
229Kb / 2P
   Single-Stage Thermoelectric Module
NL1015T VIMARLOW-NL1015T Datasheet
266Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T_18 Datasheet
829Kb / 4P
   Single-Stage Thermoelectric Module
RC12-4 VIMARLOW-RC12-4 Datasheet
567Kb / 3P
   Single-Stage Thermoelectric Module
NL1012T VIMARLOW-NL1012T Datasheet
265Kb / 3P
   Single-Stage Thermoelectric Module
NL1022T VIMARLOW-NL1022T Datasheet
299Kb / 3P
   Single-Stage Thermoelectric Module
XLT2393 VIMARLOW-XLT2393_17 Datasheet
489Kb / 2P
   Single-Stage Thermoelectric Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com