Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE5174A Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE5174A
Description  Zener Diode, 10 Watt ±5% Tolerance
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5174A Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NTE5174A thru NTE5232A
Zener Diode, 10 Watt
±5% Tolerance
Features:
D Zener Voltage 3.9V to 200V
D DO4 Stud Mount Package
Absolute Maximum Ratings:
Forward Voltage (IF = 2A), VF
1.5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
DC Power Dissipation, PD
10W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 50
°C
80mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, Topr
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +175°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TC = +30°C, unless otherwise specified)
Nominal
Zener
Maximum Dynamic
Impedance
(Note 3)
Maximum
DC Zener
Typical
Maximum
NTE Type
Number
(Note 1)
Zener Voltage
Vz @ Izt
(Note 2)
Test
Current
(Izt)
Zzt @ Izt
Zzk @
1mA (Izk)
Current*
(Izm)
(Note 4)
Temperature
Coefficient
α
vz
Leakage
Current
IR @ VR
Volts
mA
Ohms
Ohms
mA
%/
°C
µA
Volts
NTE5174A
3.9
640
2.0
400
2380
–.046
100
0.5
NTE5175A
4.3
580
1.5
400
2130
–.033
100
0.5
NTE5176A
4.7
530
1.2
500
1940
–.015
50
1.0
NTE5177A
5.1
490
1.1
550
1780
±.010
10
1.0
NTE5178A
5.6
445
1.0
600
1620
+.030
10
1.0
NTE5179A
6.0
425
1.0
675
1540
+.035
10
1.5
NTE5180A
6.2
405
1.1
750
1460
+.049
10
2.0
NTE5181A
6.8
370
1.2
500
1330
+.040
10
2.0
NTE5182A
7.5
335
1.3
250
1180
.045
100
5.7
NTE5183A
8.2
305
1.5
250
1040
.048
50
6.2
* Stud Temperature = +75
°C


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn