Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM23-1.9-07AC Datasheet(PDF) 2 Page - II-VI Marlow, Inc.

Part # CM23-1.9-07AC
Description  Commercial Module for CATV & SLED Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VIMARLOW [II-VI Marlow, Inc.]
Direct Link  http://www.marlow.com/
Logo VIMARLOW - II-VI Marlow, Inc.

CM23-1.9-07AC Datasheet(HTML) 2 Page - II-VI Marlow, Inc.

  CM23-1.9-07AC Datasheet HTML 1Page - II-VI Marlow, Inc. CM23-1.9-07AC Datasheet HTML 2Page - II-VI Marlow, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MI Form 005-0808 Rev. A
DOC # 102-0353 REV J - PAGE 2 OF 2
www.marlow.com
ENVIRONMENT: ONE ATMOSPHERE DRY NITROGEN
For performance information in a vacuum or with hot side temperatures other than 27°C or 85°C, contact one of our Applications Engineers at 877-627-5691.
All dimensions are in millimeters unless otherwise stated.
For customer support or general questions please contact a local office or visit our website at www.marlow.com.
TA = 27°C - Vacuum
0.0
20.0
40.0
60.0
80.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
∆T = 0
TA = 85°C - Vacuum
0.0
20.0
40.0
60.0
80.0
100.0
0.0
0.4
0.8
1.2
1.6
2.0
Heat
Load (W)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0.0
0.4
0.8
1.2
1.6
2.0
Current (amps)
Q = 0
∆T = 0
Hot Side Temperature 27°C
Hot Side Temperature 85°C


Similar Part No. - CM23-1.9-07AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM23-1.9-07AC VIMARLOW-CM23-1.9-07AC Datasheet
198Kb / 2P
   Commercial Module for CATV & SLED Applications
More results

Similar Description - CM23-1.9-07AC

ManufacturerPart #DatasheetDescription
logo
II-VI Marlow, Inc.
CM35-1.9 VIMARLOW-CM35-1.9_17 Datasheet
525Kb / 2P
   Commercial Module for CATV & SLED Applications
CM35-1.9 VIMARLOW-CM35-1.9 Datasheet
225Kb / 2P
   Commercial Module for CATV & SLED Applications
CM23-1.9 VIMARLOW-CM23-1.9 Datasheet
198Kb / 2P
   Commercial Module for CATV & SLED Applications
CM30-1.9 VIMARLOW-CM30-1.9_17 Datasheet
547Kb / 2P
   Commercial Module for CATV & SLED Applications
logo
Lanner All Rights Reser...
HMB-E200 LANNER-HMB-E200 Datasheet
506Kb / 1P
   2U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Integrated Circuit Syst...
SF0044BA01954T ICST-SF0044BA01954T Datasheet
220Kb / 2P
   44.1 MHz Filter for CATV Applications
logo
Toshiba Semiconductor
2SC1164 TOSHIBA-2SC1164 Datasheet
60Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
2SC2318 TOSHIBA-2SC2318 Datasheet
58Kb / 2P
   HIGH POWER AMPLIFIER FOR CATV APPLICATIONS.
logo
Lanner All Rights Reser...
HMB-E100 LANNER-HMB-E100 Datasheet
593Kb / 1P
   1U Compute Sled for HTCA-E400
V1-2021,11,4
logo
Hammond Manufacturing L...
HPS HAMMOND-HPS Datasheet
689Kb / 8P
   Encapsulated Transformers for Commercial Applications
August 2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com