Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CA12374 Datasheet(PDF) 4 Page - Ledil, Inc.

Part # CA12374
Description  ~14째 spot beam. Assembly with holder and installation tape.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA12374 Datasheet(HTML) 4 Page - Ledil, Inc.

  CA12374 Datasheet HTML 1Page - Ledil, Inc. CA12374 Datasheet HTML 2Page - Ledil, Inc. CA12374 Datasheet HTML 3Page - Ledil, Inc. CA12374 Datasheet HTML 4Page - Ledil, Inc. CA12374 Datasheet HTML 5Page - Ledil, Inc. CA12374 Datasheet HTML 6Page - Ledil, Inc. CA12374 Datasheet HTML 7Page - Ledil, Inc. CA12374 Datasheet HTML 8Page - Ledil, Inc. CA12374 Datasheet HTML 9Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
PRODUCT
DATASHEET
CA12374_TINA2-RS
PHOTOMETRIC DATA (MEASURED):
LED
NWSx229A
FWHM
25.0°
Efficiency
86 %
Peak intensity
3.600 cd/lm
Required components:
LED
Oslon Square EC
FWHM
13.0°
Efficiency
88 %
Peak intensity
9.300 cd/lm
Required components:
LED
Oslon Square PC
FWHM
12.0°
Efficiency
88 %
Peak intensity
9.210 cd/lm
Required components:
LED
Oslon SSL 150
FWHM
11.0°
Efficiency
90 %
Peak intensity
19.500 cd/lm
Required components:
Last update: 17/05/2018
Subject to change without prior notice
4/9
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - CA12374

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12374 CREE-CA12374 Datasheet
1Mb / 22P
   Tina series
More results

Similar Description - CA12374

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FCA15007 LEDIL-FCA15007_18 Datasheet
4Mb / 4P
   ~14째 smooth spot beam. Assembly with black holder and installation tape.
CA16128 LEDIL-CA16128_18 Datasheet
7Mb / 11P
   ~30째 spot beam beam. Assembly with holder and installation tape.
CA16127 LEDIL-CA16127_18 Datasheet
6Mb / 9P
   ~11째 spot beam beam. Assembly with holder and installation tape.
FA11208 LEDIL-FA11208_18 Datasheet
3Mb / 6P
   ~13째 spot beam. Assembly with holder and installation tape.
CA12399 LEDIL-CA12399_18 Datasheet
3Mb / 4P
   ~14째 spot beam optimized for Citizen CL-L400. Assembly with holder and installation tape.
CA16204 LEDIL-CA16204 Datasheet
11Mb / 9P
   ~35째 spot beam with holder and installation tape
CX15577 LEDIL-CX15577 Datasheet
7Mb / 8P
   ~9째 spot beam with holder and installation tape
CA16203 LEDIL-CA16203 Datasheet
8Mb / 7P
   ~25째 spot beam with holder and installation tape
CA16206 LEDIL-CA16206 Datasheet
10Mb / 9P
   ~6째 real spot beam. Assembly with holder and installation tape.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
   ~20째 smooth spot beam. Assembly with holder and installation tape.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com