Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4380 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4380
Description  Low Quiescent Current Surge Stopper
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4380 Datasheet(HTML) 1 Page - Linear Technology

  LTC4380 Datasheet HTML 1Page - Linear Technology LTC4380 Datasheet HTML 2Page - Linear Technology LTC4380 Datasheet HTML 3Page - Linear Technology LTC4380 Datasheet HTML 4Page - Linear Technology LTC4380 Datasheet HTML 5Page - Linear Technology LTC4380 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
dc2178af
DEMO MANUAL DC2178A
Description
LTC4380
Low Quiescent Current
Surge Stopper
Demonstrationcircuit2178AshowcasestheLTC®4380low
quiescent current surge stopper in an application which
can be configured for 12V, 1A or 24V/28V, 0.5A operation.
The output voltage is clamped by the LTC4380, permitting
theloadtooperateuninterruptedduringtransientsofupto
250V and load dump surges such as ISO-16750-2 Test A.
The output current is limited to 1.25A. In the presence of
a sustained input overvoltage or output overcurrent fault
the LTC4380 shuts off to prevent damage to the N-channel
MOSFET pass element.
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
operating characteristics
System Voltage
12V
24V/28V
Clamp Select
27V
45V
DC Operating (Full Load)*
9V to 20V
9V to 37.5V
DC Survival
80V
80V
Surge Ride-Through**
ISO-16750-2 Test A
ISO-16750-2 Test A
1ms Transient
250V
250V
Onset of Current Limit
1.25A
1.25A
Short Circuit Current
1.55A
1.55A
Maximum Load (VIN > 9V)
1A
0.5A
* Initial production boards are marked with more conservative limits of 19V and 35V. Functionality extends to 4.2V at 25°C. All boards are tested to the
limits shown in the table above.
** Formerly ISO-7637-2 Test Pulse 5A
The output clamp voltage is selected by jumper JP1 to a
value of either 27V or 45V, to suit 12V or 24V/28V sys-
tems. DC2178A-A features the LTC4380-1 which latches
off after a fault, and DC2178A-B features the LTC4380-2
which automatically retries after a cool down delay.
Design files for this circuit board are available at
http://www.linear.com/demo/DC2178A


Similar Part No. - LTC4380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4380 AD-LTC4380 Datasheet
1Mb / 22P
   100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
LTC4380 AD-LTC4380 Datasheet
1Mb / 30P
   Fast 150V Protected High Side NMOS Static Switch Driver
LTC4380 AD-LTC4380 Datasheet
631Kb / 24P
   Surge Stopper with Fault Latchoff
LTC4380 AD-LTC4380 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
LTC4380 AD-LTC4380 Datasheet
1Mb / 22P
   65V Dual Electronic Circuit Breaker with Current Monitors
More results

Similar Description - LTC4380

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4381 AD-LTC4381 Datasheet
2Mb / 24P
   Low Quiescent Current Surge Stopper with 9m廓 MOSFET
logo
Linear Technology
LT4356MP-1 LINER-LT4356MP-1 Datasheet
206Kb / 20P
   Surge Stopper
LT4356-1 LINER-LT4356-1_15 Datasheet
241Kb / 26P
   Surge Stopper
LT4356MP-1 LINER-LT4356MP-1_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356MP-2 LINER-LT4356MP-2_15 Datasheet
235Kb / 24P
   Surge Stopper
LT4356-2 LINER-LT4356-2_15 Datasheet
241Kb / 26P
   Surge Stopper
logo
Linear Integrated Syste...
LT4356-1 LINEAR-LT4356-1 Datasheet
241Kb / 26P
   Surge Stopper
logo
Analog Devices
LT4356-1 AD-LT4356-1 Datasheet
476Kb / 26P
   Surge Stopper
logo
Linear Technology
LT4363 LINER-LT4363_15 Datasheet
254Kb / 24P
   High Voltage Surge Stopper with Current Limit
LT4363-1 LINER-LT4363-1 Datasheet
399Kb / 8P
   High Voltage Surge Stopper with Current Limit
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com