Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5895 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX5895
Description  16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5895 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX5895 Datasheet HTML 2Page - Maxim Integrated Products MAX5895 Datasheet HTML 3Page - Maxim Integrated Products MAX5895 Datasheet HTML 4Page - Maxim Integrated Products MAX5895 Datasheet HTML 5Page - Maxim Integrated Products MAX5895 Datasheet HTML 6Page - Maxim Integrated Products MAX5895 Datasheet HTML 7Page - Maxim Integrated Products MAX5895 Datasheet HTML 8Page - Maxim Integrated Products MAX5895 Datasheet HTML 9Page - Maxim Integrated Products MAX5895 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
16-Bit, 500Msps Interpolating and Modulating
Dual DAC with CMOS Inputs
6
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
POWER SUPPLIES
Digital Supply Voltage
DVDD1.8
1.71
1.8
1.89
V
Digital I/O Supply Voltage
DVDD3.3
3.0
3.3
3.6
V
Clock Supply Voltage
AVCLK
3.135
3.3
3.465
V
AVDD3.3
3.135
3.3
3.465
Analog Supply Voltage
AVDD1.8
1.71
1.8
1.89
V
IAVDD3.3
fCLK = 100MHz, 2x interpolation, 0dBFS,
fOUT = 10MHz, DATACLK output mode
110
130
Analog Supply Current
IAVDD1.8
fCLK = 100MHz, 2x interpolation, 0dBFS,
fOUT = 10MHz, DATACLK output mode
10
15
mA
Digital Supply Current
IDVDD1.8
fCLK = 100MHz, 2x interpolation, 0dBFS,
fOUT = 10MHz, DATACLK output mode
54
65
mA
Digital I/O Supply Current
IDVDD3.3
fCLK = 100MHz, 2x interpolation, 0dBFS,
fOUT = 10MHz, DATACLK output mode
710
mA
Clock Supply Current
IAVCLK
fCLK = 100MHz, 2x interpolation, 0dBFS,
fOUT = 10MHz, DATACLK output mode
35
mA
Total Power Dissipation
PTOTAL
511
mW
AVDD3.3
450
AVDD1.8
1
DVDD1.8
10
DVDD3.3
100
Power-Down Current
All I/O are static high or
low, bit 2 to bit 4 of
address 00h are set high
AVCLK
1
µA
AVDD3.3 Power-Supply Rejection
Ratio
PSRRA
(Note 8)
0.125
%FS/V
ELECTRICAL CHARACTERISTICS (continued)
(DVDD1.8 = AVDD1.8 = 1.8V, AVCLK = AVDD3.3 = DVDD3.3 = 3.3V, modulator off, 2x interpolation, DATACLK input mode, dual-port
mode, 50Ω double-terminated outputs, external reference at 1.25V, TA = -40°C to +85°C, unless otherwise noted. Typical values are
at TA = +25°C, unless otherwise noted.) (Note 2)
Note 2: All specifications are 100% tested at TA ≥ +25°C. Specifications at TA < +25°C are guaranteed by design and
characterization data.
Note 3: 3.84MHz bandwidth, single carrier.
Note 4: Excludes data latency.
Note 5: Measured single-ended into a 50Ω load.
Note 6: Excludes sin(x)/x rolloff.
Note 7: Guaranteed by design and characterization.
Note 8: Parameter defined as the change in midscale output caused by a ±5% variation in the nominal supply voltage.


Similar Part No. - MAX5895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5895 MAXIM-MAX5895 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895EGK+D MAXIM-MAX5895EGK+D Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895EGK-D MAXIM-MAX5895EGK-D Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
More results

Similar Description - MAX5895

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5895 MAXIM-MAX5895_08 Datasheet
314Kb / 31P
   16-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5893 MAXIM-MAX5893 Datasheet
426Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 0; 2/05
MAX5893 MAXIM-MAX5893_08 Datasheet
289Kb / 32P
   12-Bit, 500Msps Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_08 Datasheet
299Kb / 32P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 2; 10/08
MAX5894 MAXIM-MAX5894_07 Datasheet
403Kb / 33P
   14-Bit, 500Msps, Interpolating and Modulating Dual DAC with CMOS Inputs
Rev 1; 4/07
MAX5898 MAXIM-MAX5898 Datasheet
399Kb / 32P
   16-Bit, 500Msps, Interpolating and Modulating Dual DAC with Interleaved LVDS Inputs
Rev 1; 7/07
MAX5855 MAXIM-MAX5855 Datasheet
2Mb / 128P
   16-Bit, 4.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 9/2018
MAX5857 MAXIM-MAX5857 Datasheet
2Mb / 140P
   16-Bit, 5.9Gsps Wideband Interpolating and Modulating RF DAC with JESD204B Interface
Rev 0; 3/18
MAX5888 MAXIM-MAX5888 Datasheet
746Kb / 18P
   3.3V, 16-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2726; Rev 3; 12/03
MAX5886 MAXIM-MAX5886 Datasheet
439Kb / 18P
   3.3V, 12-Bit, 500Msps High Dynamic Performance DAC with Differential LVDS Inputs
19-2776; Rev 2; 12/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com