Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LTC2979 Datasheet(PDF) 9 Page - Linear Technology

Part No. LTC2979
Description  16-Channel PMBus Low-Voltage Power System Manager
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2979 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2979 Datasheet HTML 5Page - Linear Technology LTC2979 Datasheet HTML 6Page - Linear Technology LTC2979 Datasheet HTML 7Page - Linear Technology LTC2979 Datasheet HTML 8Page - Linear Technology LTC2979 Datasheet HTML 9Page - Linear Technology LTC2979 Datasheet HTML 10Page - Linear Technology LTC2979 Datasheet HTML 11Page - Linear Technology LTC2979 Datasheet HTML 12Page - Linear Technology LTC2979 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC2979
9
2979f
For more information www.linear.com/LTC2979
TYPICAL PERFORMANCE CHARACTERISTICS
DAC Short-Circuit Current vs
Temperature
DAC Output Impedance vs
Frequency
DAC Transient Response to 1LSB
DAC Code Change
ADC High Resolution Mode
Differential Input Current
DAC Full-Scale Output Voltage vs
Temperature
DAC Offset Voltage vs
Temperature
DAC Soft-Connect Transient
Response When Transitioning
from ON State to Hi-Z State
DAC Soft-Connect Transient
Response When Transitioning
from Hi-Z State to ON State
DIFFERENTIAL INPUT VOLTAGE (mV)
0
0
10
30
40
50
120 140 160
90
2979 G10
20
60
20
80
40
100
180
60
70
80
TEMPERATURE (°C)
2.68
2.67
2.66
2.65
2.64
2.63
2.62
2.61
2.60
2979 G11
–50
50
10
90 110
–30 –10
30
70
GAIN SETTING = 1
THREE TYPICAL PARTS
TEMPERATURE (°C)
10
8
6
4
2
0
–2
–4
–6
–8
–10
2979 G12
–50
50
10
90 110
–30 –10
30
70
GAIN SETTING = 1
THREE TYPICAL PARTS
TEMPERATURE (°C)
4
6
8
10
5
7
9
2979 G13
–50
50
10
90 110
–30 –10
30
70
GAIN SETTING = 1
THREE TYPICAL PARTS
FREQUENCY (kHz)
0.01
10
100
1000
100
2979 G14
1
0.1
0.01
0.1
1
10
1000
500µV/DIV
2µs/DIV
2979 G15
CODE ‘h1FF
CODE ‘h200
10mV/DIV
500µs/DIV
100k SERIES RESISTANCE ON
CODE: ‘h1FF
2979 G16
HI-Z
CONNECTED
10mV/DIV
500µs/DIV
100k SERIES RESISTANCE ON
CODE: ‘h1FF
2979 G17
CONNECTED
HI-Z


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn