Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8645S Datasheet(PDF) 6 Page - Linear Technology

Part # LT8645S
Description  65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5關A Quiescent Current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8645S Datasheet(HTML) 6 Page - Linear Technology

Back Button LT8645S Datasheet HTML 2Page - Linear Technology LT8645S Datasheet HTML 3Page - Linear Technology LT8645S Datasheet HTML 4Page - Linear Technology LT8645S Datasheet HTML 5Page - Linear Technology LT8645S Datasheet HTML 6Page - Linear Technology LT8645S Datasheet HTML 7Page - Linear Technology LT8645S Datasheet HTML 8Page - Linear Technology LT8645S Datasheet HTML 9Page - Linear Technology LT8645S Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LT8645S/LT8646S
6
8645Sfa
For more information www.linear.com/LT8645S
TYPICAL PERFORMANCE CHARACTERISTICS
EN Pin Thresholds
Reference Voltage
LT8645S Load Regulation
LT8645S Line Regulation
LT8645S No-Load Supply Current
Burst Mode Operation Efficiency
vs Inductor Value (LT8645S)
LT8646S Load Regulation
LT8646S Line Regulation
LT8646S No-Load Supply Current
VOUT = 5V
ILOAD = 10mA
L = WE–LHMI7050
VIN = 12V
VIN = 24V
INDUCTOR VALUE (µH)
1
2
3
4
5
6
7
8
9
10
65
70
75
80
85
90
95
100
8645S G10
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
961
963
965
967
969
971
973
975
977
979
8645S G11
EN RISING
EN FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75
100 125
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
8645S G12
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.10
–0.05
0
0.05
0.10
0.15
0.20
8645S G13
VOUT = 5V
VIN = 12V
VSYNC = 0V
VOUT = 5V
VIN = 12V
VSYNC = 0V
LOAD CURRENT (A)
0
1
2
3
4
5
6
7
8
–0.50
–0.40
–0.30
–0.20
–0.10
0.00
0.10
0.20
0.30
0.40
8645S G14
VOUT = 5V
ILOAD = 2A
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
–0.10
–0.05
0.00
0.05
0.10
0.15
0.20
8645S G15
VOUT = 5V
ILOAD = 2A
INPUT VOLTAGE (V)
5
15
25
35
45
55
65
–0.10
–0.05
0
0.05
0.10
0.15
0.20
0.25
0.30
LT8646S Line Regulation
8645S G16
VOUT = 5V
L = 4.7µH
IN REGULATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
25
50
75
100
125
150
175
200
225
8645S G18
VOUT = 3.3V
L = 4.7µH
IN-REGULATION
INPUT VOLTAGE (V)
0
10
20
30
40
50
60
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
8645S G17


Similar Part No. - LT8645S

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8645S AD-LT8645S Datasheet
2Mb / 32P
   42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
LT8645S AD-LT8645S Datasheet
984Kb / 35P
   42V, 10A/12A Peak Synchronous Step-Down Silent Switcher
Rev.0
LT8645S AD-LT8645S Datasheet
2Mb / 28P
   42V, 10A/12A Peak Synchronous Step-Down Silent Switcher 2
LT8645S AD-LT8645S Datasheet
1Mb / 22P
   8V, 16A Synchronous Step-Down Silent Switcher 2
LT8645S AD-LT8645S Datasheet
2Mb / 24P
   42V, 750mA Synchronous Step-Down Regulator with 2.5關A Quiescent Current
01/21 Rev. D
More results

Similar Description - LT8645S

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8641 LINER-LT8641 Datasheet
3Mb / 26P
   65V, 3.5A Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
logo
Analog Devices
LT8645S AD-LT8645S_V01 Datasheet
2Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher 2 with 2.5μA Quiescent Current
Rev. B
LT8645S-2 AD-LT8645S-2 Datasheet
3Mb / 30P
   65V, 8A Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev. A
logo
Linear Technology
LT8646S LINER-LT8646S Datasheet
570Kb / 8P
   65V, 8A Synchronous Step-Down Silent Switcher 2
logo
Analog Devices
LT8640A AD-LT8640A Datasheet
1Mb / 28P
   42V, 5A/8A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
Rev. 0
LT8641A AD-LT8641A Datasheet
860Kb / 35P
   65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
LT8636 AD-LT8636 Datasheet
2Mb / 32P
   42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
logo
Linear Technology
LT8620 LINER-LT8620 Datasheet
590Kb / 26P
   65V, 2A Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8653S AD-LT8653S Datasheet
2Mb / 30P
   Dual Channel 2A, 42V, Synchronous Step-Down Silent Switcher 2 with 6.2關A Quiescent Current
logo
Linear Technology
LT8650S LINER-LT8650S Datasheet
394Kb / 6P
   Dual Channel 42V, 4A Synchronous Step-Down Silent Switcher with 6.2關A Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com