Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41C16256-60K Datasheet(PDF) 6 Page - Integrated Circuit Solution Inc

Part # IS41C16256-60K
Description  256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICSI [Integrated Circuit Solution Inc]
Direct Link  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IS41C16256-60K Datasheet(HTML) 6 Page - Integrated Circuit Solution Inc

Back Button IS41C16256-60K Datasheet HTML 2Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 3Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 4Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 5Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 6Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 7Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 8Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 9Page - Integrated Circuit Solution Inc IS41C16256-60K Datasheet HTML 10Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IS41C16256
IS41LV16256
6
Integrated Circuit Solution Inc.
DR001-0E 01/25/2002
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V < VIN < Vcc
–10
10
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–10
10
µA
0V < VOUT < Vcc
VOH
Output High Voltage Level
IOH = –2.5 mA
2.4
V
VOL
Output Low Voltage Level
IOL =+2.1mA
0.4
V
ICC1
Standby Current: TTL
RAS, LCAS, UCAS > VIH Commerical
5V
2
mA
Industrial
5V
3
Commerical 3.3V
1
Industrial
3.3V
2
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS > VCC – 0.2V
5V
1
mA
3.3V
0.5
ICC3
Operating Current:
RAS, LCAS, UCAS,
-25
260
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-25
250
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-35
220
Average Power Supply Current
-50
170
-60
160
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS > VIH
-25
260
mA
RAS-Only(2,3)
tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-25
260
mA
CBR(2,3,5)
tRC = tRC (min.)
-35
230
Average Power Supply Current
-50
180
-60
170
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41C16256-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16256-60K ISSI-IS41C16256-60K Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256-60KI ISSI-IS41C16256-60KI Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41C16256-60K

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16256B ISSI-IS41LV16256B Datasheet
145Kb / 22P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41C16256 ISSI-IS41C16256 Datasheet
153Kb / 19P
   256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Taiwan Memory Technolog...
T224162B TMT-T224162B Datasheet
143Kb / 9P
   256K x 16 DYNAMIC RAM EDO PAGE MODE
logo
Integrated Circuit Solu...
IC41LV44002A ICSI-IC41LV44002A Datasheet
297Kb / 20P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42L8316 AMICC-A42L8316 Datasheet
264Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41C4400X ISSI-IS41C4400X Datasheet
158Kb / 19P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A428316 AMICC-A428316 Datasheet
268Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L8316 AMICC-A42L8316 Datasheet
273Kb / 25P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A428316 AMICC-A428316_15 Datasheet
265Kb / 23P
   256K X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV44002B ISSI-IS41LV44002B Datasheet
163Kb / 21P
   4M x 4 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com