Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT8361 Datasheet(PDF) 11 Page - Linear Technology

Part # LT8361
Description  Low IQ Boost/SEPIC/ Inverting Converter with 2A, 100V Switch
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8361 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT8361 Datasheet HTML 7Page - Linear Technology LT8361 Datasheet HTML 8Page - Linear Technology LT8361 Datasheet HTML 9Page - Linear Technology LT8361 Datasheet HTML 10Page - Linear Technology LT8361 Datasheet HTML 11Page - Linear Technology LT8361 Datasheet HTML 12Page - Linear Technology LT8361 Datasheet HTML 13Page - Linear Technology LT8361 Datasheet HTML 14Page - Linear Technology LT8361 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LT8361
11
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
INTVCC REGULATOR
A low dropout (LDO) linear regulator, supplied from VIN,
produces a 3.2V supply at the INTVCC pin. A minimum
1µF low ESR ceramic capacitor must be used to bypass
the INTVCC pin to ground to supply the high transient cur-
rents required by the internal power MOSFET gate driver.
No additional components or loading is allowed on this
pin. The INTVCC rising threshold (to allow soft-start and
switching) is typically 2.65V. The INTVCC falling threshold
(to stop switching and reset soft-start) is typically 2.5V.
To improve efficiency across all loads, the majority of
INTVCC current can be drawn from the BIAS pin (4.4V ≤
BIAS ≤ VIN) instead of the VIN pin. For SEPIC applications
with VIN often greater than VOUT, the BIAS pin can be di-
rectly connected to VOUT. If the BIAS pin is connected to
a supply other than VOUT, be sure to bypass the pin with
a local ceramic capacitor.
Programming Switching Frequency
The LT8361 uses a constant frequency PWM architecture
that can be programmed to switch from 300kHz to 2MHz
by using a resistor tied from the RT pin to ground. A table
showing the necessary RT value for a desired switching
frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
51.2
fOSC
– 5.6
where RT is in kΩ and fOSC is the desired switching fre-
quency in MHz.
Table 1. SW Frequency vs RT Value
fOSC (MHz)
RT (kΩ)
0.3
165
0.45
107
0.75
63.4
1
45.3
1.5
28.7
2
20
Synchronization and Mode Selection
To select low ripple Burst Mode operation, for high effi-
ciency at light loads, tie the SYNC/MODE pin below 0.14V
(this can be ground or a logic low output).
To synchronize the LT8361 oscillator to an external fre-
quencyconnectasquarewave(with20%to80%dutycycle)
to the SYNC pin. The square wave amplitude should have
valleys that are below 0.4V and peaks above 1.7V (up to
6V).TheLT8361willnotenterBurstModeoperationatlow
output loads while synchronized to an external clock, but
instead will pulse skip to maintain regulation. The LT8361
may be synchronized over a 300kHz to 2MHz range. The
RT resistor should be chosen to set the LT8361 switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
For some applications it is desirable for the LT8361 to
operate in pulse-skipping mode, offering two major differ-
ences from Burst Mode operation. Firstly, the clock stays
awake at all times and all switching cycles are aligned to
the clock. Secondly, the full switching frequency is main-
tained at lower output load than in Burst Mode operation.
These two differences come at the expense of increased
quiescent current. To enable pulse-skipping mode, float
the SYNC pin.
To improve EMI/EMC, the LT8361 can provide spread
spectrumfrequencymodulation(SSFM).Thisfeaturevaries
the clock with a triangle frequency modulation of 20%. For
example, if the LT8361's frequency was programmed to
switch at 2MHz, spread spectrum mode will modulate the
oscillator between 2MHz and 2.4MHz. The 20% modula-
tion will occur at a frequency: fOSC/256 where fOSC is the
switching frequency programmed using the RT pin.
The LT8361 can also be configured to operate in pulse-
skipping/SSFM mode by tying the SYNC/MODE pin above
1.7V. The LT8361 can also be configured for Burst Mode
operation at light loads (for improved efficiency) and
SSFM at heavy loads (for low EMI) by tying a 100k from
the SYNC/MODE pin to GND.


Similar Part No. - LT8361

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8361 AD-LT8361 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
More results

Similar Description - LT8361

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8362 LINER-LT8362 Datasheet
2Mb / 32P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 60V Switch
LT8335 LINER-LT8335 Datasheet
1Mb / 20P
   Low IQ Boost/SEPIC/ Inverting Converter with 2A, 28V Switch
logo
Analog Devices
LT8365 AD-LT8365 Datasheet
2Mb / 30P
   Low IQ Boost/SEPIC/Inverting Converter with 1.5A, 150V Switch
Rev. A
LT8334 AD-LT8334 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/Inverting Converter with 5A, 40V Switch
logo
Linear Technology
LT8330 LINER-LT8330 Datasheet
1Mb / 24P
   Low IQ Boost/SEPIC/ Inverting Converter with 1A, 60V Switch
logo
Analog Devices
LT8331 AD-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/Flyback/Inverting Converter with 0.5A, 140V Switch
logo
Linear Technology
LT8331 LINER-LT8331 Datasheet
1Mb / 30P
   Low IQ Boost/SEPIC/ Flyback/Inverting Converter with 0.5A, 140V Switch
LT8364 LINER-LT8364 Datasheet
509Kb / 6P
   Low IQ Boost/SEPIC/Inverting Regulator
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com