Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB104V03-A1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LB104V03-A1
Description  Liquid Crystal Display
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LB104V03-A1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LB104V03-A1 Datasheet HTML 5Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 6Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 7Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 8Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 9Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 10Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 11Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 12Page - NXP Semiconductors LB104V03-A1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Product Specification
9 / 24
LB104V03
Liquid Crystal Display
Ver. 1.1
Oct. 10, 2003
3-3. Signal Timing Specifications
Table 5. TIMING TABLE
tHp
560
525
515
tVP
Period
tHp
-
-
5
tVBP
Vertical
Back Porch
-
-
12
tHFP
Horizontal
Front Porch
For Dclk
ns
-
-
6
tSI
Setup Time
DE
-
-
1
tHI
Hold Time
ns
30
-
-
tIr, tIf
Rise/Fall Time
tCLK
-
-
12
tHBP
Horizontal
Back Porch
-
-
1
tVFP
Vertical
Front Porch
For Hsync
ns
-
-
0
tSV
Setup Time
Vsync
-
-
2
tHV
Hold Time
24
-
2
tWV
Width_Active
ns
50
-
-
tVr, tVf
Rise/Fall Time
For Dclk
ns
-
-
3
tSH
Setup Time
Hsync
-
-
8
tHH
Hold Time
tCLK
900
800
770
tHP
Period
120
-
12
tWH
Width_Active
ns
30
-
-
tHr, tHf
Rise/Fall Time
MHz
28
25.1
21
fCLK
Frequency
DCLK
ns
-
-
8
tWCL
Width_Low
-
-
5
tWCH
Width_High
25
-
-
trCLK
Rise Time
25
-
-
tfCLK
Fall Time
ns
25
-
-
tDr, tDf
Rise/Fall Time
-
-
3
tHD
Hold Time
Setup Time
tSD
Symbol
6
MIN.
-
TYP.
-
MAX.
ns
UNIT
For Dclk
DATA
NOTE
ITEM


Similar Part No. - LB104V03-A1

ManufacturerPart #DatasheetDescription
logo
Gulf Semiconductor
LB10 GULFSEMI-LB10 Datasheet
96Kb / 2P
   SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT FLAT BRIDGE RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 0.6A
logo
MORNSUN Science& Techno...
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A05 MORNSUN-LB10-10A05 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
220Kb / 10P
   AC-DC CONVERTER
LB10-10A12 MORNSUN-LB10-10A12 Datasheet
658Kb / 6P
   LB series ---- is a compact size power converter offered by Mornsun.
More results

Similar Description - LB104V03-A1

ManufacturerPart #DatasheetDescription
logo
AZ Displays
ATM0500D5 AZDISPLAYS-ATM0500D5_13 Datasheet
734Kb / 20P
   LIQUID CRYSTAL DISPLAY
ATM0700L6D AZDISPLAYS-ATM0700L6D Datasheet
918Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0700L6E AZDISPLAYS-ATM0700L6E Datasheet
940Kb / 22P
   LIQUID CRYSTAL DISPLAY
ATM0800D3 AZDISPLAYS-ATM0800D3_13 Datasheet
1Mb / 24P
   LIQUID CRYSTAL DISPLAY
logo
LG Semicon Co.,Ltd.
LM150X06-A4C3 LG-LM150X06-A4C3 Datasheet
444Kb / 27P
   Liquid Crystal Display
logo
AZ Displays
ATM0700D6A-T AZDISPLAYS-ATM0700D6A-T Datasheet
519Kb / 24P
   LIQUID CRYSTAL DISPLAY
ATM0700D6B AZDISPLAYS-ATM0700D6B Datasheet
626Kb / 23P
   LIQUID CRYSTAL DISPLAY
AGM3224L AZDISPLAYS-AGM3224L Datasheet
1Mb / 17P
   LIQUID CRYSTAL DISPLAY
ATM0280B15 AZDISPLAYS-ATM0280B15_13 Datasheet
306Kb / 16P
   LIQUID CRYSTAL DISPLAY
ATM0280B17-T AZDISPLAYS-ATM0280B17-T_14 Datasheet
413Kb / 16P
   LIQUID CRYSTAL DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com