Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5111A Datasheet(PDF) 2 Page - NTE Electronics

Part No. NTE5111A
Description  Zener Diode, 5 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5111A Datasheet(HTML) 2 Page - NTE Electronics

  NTE5111A Datasheet HTML 1Page - NTE Electronics NTE5111A Datasheet HTML 2Page - NTE Electronics NTE5111A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Nominal
Zener
Max Zener Impedance
Max Reverse
Leakage Current
Max Surge
Max
Voltage
Max
Voltage
VZ @ IZT
(Note 1)
Test
Current
IZT
ZZT @ IZT
(Note 1)
ZZK @ IZK = 1mA
(Note 1)
IR
@VR
Current
ir
(Note 2)
Regulation
∆VZ
(Note 3)
Regulator
Current
IZM
Volts
mA
µA
Volts
Amps
Volt
mA
NTE5123A
8.7
150
2
200
10
6.6
9.5
0.2
545
NTE5124A
9.1
150
2
150
7.5
6.9
9.2
0.22
520
NTE5125A
10
125
2
125
5
7.6
8.6
0.22
475
NTE5126A
11
125
2.5
125
5
8.4
8
0.25
430
NTE5127A
12
100
2.5
125
2
9.1
7.5
0.25
395
NTE5128A
13
100
2.5
100
1
9.9
7
0.25
365
NTE5129A
14
100
2.5
75
1
10.6
6.7
0.25
340
NTE5130A
15
75
2.5
75
1
11.5
6.3
0.25
315
NTE5131A
16
75
2.5
75
1
12.2
6
0.3
295
NTE5132A
17
70
2.5
75
0.5
12.9
5.8
0.35
280
NTE5133A
18
65
2.5
75
0.5
13.7
5.5
0.4
265
NTE5134A
19
65
3
75
0.5
14.4
5.3
0.4
250
NTE5135A
20
65
3
75
0.5
15.2
5.1
0.4
237
NTE5136A
22
50
3.5
75
0.5
16.7
4.7
0.45
216
NTE5137A
24
50
3.5
100
0.5
18.2
4.4
0.55
198
NTE5138A
25
50
4
110
0.5
19
4.3
0.55
190
NTE5139A
27
50
5
120
0.5
20.6
4.1
0.6
176
NTE5140A
28
50
6
130
0.5
21.2
3.9
0.6
170
NTE5141A
30
40
8
140
0.5
22.8
3.7
0.6
158
NTE5142A
33
40
10
150
0.5
25.1
3.5
0.6
144
NTE5143A
36
30
11
160
0.5
27.4
3.3
0.65
132
NTE5144A
39
30
14
170
0.5
29.7
3.1
0.65
122
NTE5145A
43
30
20
190
0.5
32.7
2.8
0.7
110
NTE5146A
47
25
25
210
0.5
35.8
2.7
0.8
100
NTE5147A
51
25
27
230
0.5
38.8
2.5
0.9
93
NTE5148A
56
20
35
280
0.5
42.6
2.3
1
86
NTE5149A
60
20
40
350
0.5
42.5
2.2
1.2
79
NTE5150A
62
20
42
400
0.5
47.1
2.1
1.35
76
NTE5151A
68
20
44
500
0.5
51.7
2
1.5
70
NTE5152A
75
20
45
620
0.5
56
1.9
1.6
63
NTE5153A
82
15
65
720
0.5
62.2
1.8
1.8
58
NTE5154A
87
15
75
760
0.5
66
1.7
2
54.5
NTE5155A
91
15
75
760
0.5
69.2
1.6
2.2
52.5
NTE5156A
100
12
90
800
0.5
76
1.5
2.5
47.5
NTE5157A
110
12
125
1000
0.5
83.6
1.4
2.5
43
NTE5158A
120
10
170
1150
0.5
91.2
1.3
2.5
39.5


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn