Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NTE5111A Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE5111A
Description  Zener Diode, 5 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NTE [NTE Electronics]
Homepage  http://www.nteinc.com
Logo 

NTE5111A Datasheet(HTML) 1 Page - NTE Electronics

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NTE5111A thru NTE5166A
Zener Diode, 5 Watt
±5% Tolerance
Features:
D Zener Voltage: 3.3V to 200V
D High Surge Current Capability
Absolute Maximum Ratings:
DC Power Dissipation (TL = +75°C, Lead Length = 3/8”), PD
5W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 75
°C
40mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Forward Voltage (IF = 1A), VF
1.2V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +200°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Nominal
Zener
Max Zener Impedance
Max Reverse
Leakage Current
Max Surge
Max
Voltage
Max
Voltage
VZ @ IZT
(Note 1)
Test
Current
IZT
ZZT @ IZT
(Note 1)
ZZK @ IZK = 1mA
(Note 1)
IR
@VR
Current
ir
(Note 2)
Regulation
∆VZ
(Note 3)
Regulator
Current
IZM
Volts
mA
µA
Volts
Amps
Volt
mA
NTE5111A
3.3
380
3.0
400
300
1
20
0.85
1440
NTE5112A
3.6
350
2.5
500
150
1
18.7
0.8
1320
NTE5113A
3.9
320
2
500
50
1
17.6
0.54
1220
NTE5114A
4.3
290
2
500
10
1
16.4
0.49
1100
NTE5115A
4.7
260
2
450
5
1
15.3
0.44
1010
NTE5116A
5.1
240
1.5
400
1
1
14.4
0.39
930
NTE5117A
5.6
220
1
400
1
2
13.4
0.25
865
NTE5118A
6.0
200
1
300
1
3
12.7
0.19
790
NTE5119A
6.2
200
1
200
1
3
12.4
0.1
765
NTE5120A
6.8
175
1
200
10
5.2
11.5
0.15
700
NTE5121A
7.5
175
1.5
200
10
5.7
10.7
0.15
630
NTE5122A
8.2
150
1.5
200
10
6.2
10
0.2
580


Html Pages

1  2  3 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn