Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE5111A Datasheet(PDF) 3 Page - NTE Electronics

Part No. NTE5111A
Description  Zener Diode, 5 Watt ±5% Tolerance
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE5111A Datasheet(HTML) 3 Page - NTE Electronics

  NTE5111A Datasheet HTML 1Page - NTE Electronics NTE5111A Datasheet HTML 2Page - NTE Electronics NTE5111A Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Nominal
Zener
Max Zener Impedance
Max Reverse
Leakage Current
Max Surge
Max
Voltage
Max
Voltage
VZ @ IZT
(Note 1)
Test
Current
IZT
ZZT @ IZT
(Note1)
ZZK @ IZK = 1mA
(Note 1)
IR
@VR
Current
ir
(Note 2)
Regulation
∆VZ
(Note 3)
Regulator
Current
IZM
Volts
mA
µA
Volts
Amps
Volt
mA
NTE5159A
130
10
190
1250
0.5
98.8
1.2
2.5
36.6
NTE5160A
140
8
230
1500
0.5
106
1.2
2.5
34
NTE5161A
150
8
330
1500
0.5
114
1.1
3
31.6
NTE5162A
160
8
350
1650
0.5
122
1.1
3
29.4
NTE5163A
170
8
380
1750
0.5
129
1
3
28
NTE5164A
180
5
430
1750
0.5
137
1
4
26.4
NTE5165A
190
5
450
1850
0.5
144
0.9
5
25
NTE5166A
200
5
480
1850
0.5
152
0.9
5
23.6
Note 1 Test conditions for zener voltage and impedance are as follows: IZ is applied 40 ±10ms prior
to reading. Mounting contacts are located 3/8” to 1/2” from the inside edge of mounting clips
to the body of the diode (TA = +25°C +8°, –2°C).
Note 2 Surge current is specified as the maximum allowable peak, non–recurrent square–wave cur-
rent with a pulse width, PW, of 8.3ms. Mounting contact located as specified in Note 1.
Note 3 Test conditions for voltage regulation are as follows: VZ measurements are made at 10%
and then at 50% of the IZ max value listed in the “Electrical Characteristic” table. The test
current time duration for each VZ measurement is 40 ±10ms (TA = +25°C +8°, –2°C). Mount-
ing contact located as specified in Note 1.
Color Band Denotes Cathode
1.000
(25.4)
.370
(9.41)
.204 (5.19) Dia
.040 (1.02) Dia


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn