Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD14538BPW Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # CD14538BPW
Description  CMOS DUAL PRECISION MONOSTABLE MULTIVIBRATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD14538BPW Datasheet(HTML) 13 Page - Texas Instruments

Back Button CD14538BPW Datasheet HTML 6Page - Texas Instruments CD14538BPW Datasheet HTML 7Page - Texas Instruments CD14538BPW Datasheet HTML 8Page - Texas Instruments CD14538BPW Datasheet HTML 9Page - Texas Instruments CD14538BPW Datasheet HTML 10Page - Texas Instruments CD14538BPW Datasheet HTML 11Page - Texas Instruments CD14538BPW Datasheet HTML 12Page - Texas Instruments CD14538BPW Datasheet HTML 13Page - Texas Instruments CD14538BPW Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
MECHANICAL DATA
MTSS001C – JANUARY 1995 – REVISED FEBRUARY 1999
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PW (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
14 PINS SHOWN
0,65
M
0,10
0,10
0,25
0,50
0,75
0,15 NOM
Gage Plane
28
9,80
9,60
24
7,90
7,70
20
16
6,60
6,40
4040064/F 01/97
0,30
6,60
6,20
8
0,19
4,30
4,50
7
0,15
14
A
1
1,20 MAX
14
5,10
4,90
8
3,10
2,90
A MAX
A MIN
DIM
PINS **
0,05
4,90
5,10
Seating Plane
0
°–8°
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0,15.
D. Falls within JEDEC MO-153


Similar Part No. - CD14538BPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD14538BPW TI1-CD14538BPW Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BPW TI1-CD14538BPW Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BPWE4 TI1-CD14538BPWE4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BPWG4 TI1-CD14538BPWG4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BPWG4 TI1-CD14538BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
More results

Similar Description - CD14538BPW

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
CD14538BMS RENESAS-CD14538BMS Datasheet
577Kb / 10P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI1-CD14538B Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
CD14538BM96G4 TI1-CD14538BM96G4 Datasheet
1Mb / 20P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
Intersil Corporation
CD14538BMS INTERSIL-CD14538BMS Datasheet
76Kb / 9P
   CMOS Dual Precision Monostable Multivibrator
November 1994
logo
Texas Instruments
CD14538B TI-CD14538B Datasheet
341Kb / 8P
[Old version datasheet]   CMOS Dual Precision Monostable Multivibrator
logo
NXP Semiconductors
HEF4938BT PHILIPS-HEF4938BT Datasheet
182Kb / 17P
   Dual precision monostable multivibrator
Rev. 6-15 November 2011
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_16 Datasheet
168Kb / 14P
   Dual Precision Monostable Multivibrator
August, 2014 ??Rev. 15
logo
NXP Semiconductors
HEF4538B PHILIPS-HEF4538B Datasheet
102Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4938B PHILIPS-HEF4938B Datasheet
76Kb / 8P
   Dual precision monostable multivibrator
January 1995
HEF4538B PHILIPS-HEF4538B_15 Datasheet
338Kb / 18P
   Dual precision monostable multivibrator
Rev. 9-10 December 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com