Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-7050 Datasheet(PDF) 6 Page - OSRAM GmbH

Part # SFH-7050
Description  BioMon Sensor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-7050 Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button SFH-7050 Datasheet HTML 2Page - OSRAM GmbH SFH-7050 Datasheet HTML 3Page - OSRAM GmbH SFH-7050 Datasheet HTML 4Page - OSRAM GmbH SFH-7050 Datasheet HTML 5Page - OSRAM GmbH SFH-7050 Datasheet HTML 6Page - OSRAM GmbH SFH-7050 Datasheet HTML 7Page - OSRAM GmbH SFH-7050 Datasheet HTML 8Page - OSRAM GmbH SFH-7050 Datasheet HTML 9Page - OSRAM GmbH SFH-7050 Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
2016-04-20
6
Version 1.1
SFH7050
Green Emitter
Wavelength of peak emission
(I
F = 20 mA)
(typ.)
peak
525
nm
Centroid Wavelength
(I
F = 20 mA)
(typ.
(max.))
centroid
530 (±10)
nm
Spectral bandwidth at 50% of I
max
(I
F = 20 mA)
(typ.)

34
nm
Half angle
(typ.)
± 60
°
Rise and fall time of I
e
(10% and 90% of I
e max)
(I
F = 100 mA, tp = 16 µs, RL = 50 )
(typ.)
t
r, tf
32
ns
Forward voltage
(I
F = 20 mA)
(typ.
(max.))
V
F
3.4 (
≤ 4.4)
V
Reverse current
I
R
not designed for reverse
operation
µA
Radiant intensity
(I
F = 20 mA, tp = 20 ms)
(typ.)
I
e
1.3
mW / sr
Total radiant flux
(I
F = 20 mA, tp = 20 ms)
(typ.)
e
2.9
mW
Temperature coefficient of
centroid
(I
F = 20 mA, -10°C ≤ T ≤ 100°C)
(typ.)
TCcentroid
0.03
nm / K
Temperature coefficient of V
F
(I
F = 20 mA, -10°C ≤ T ≤ 100°C)
(typ.)
TC
V
-3.60
mV / K
Characteristics (T
A = 25 °C)
Parameter
Symbol
Value
Unit


Similar Part No. - SFH-7050

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
   BioMon Sensor
More results

Similar Description - SFH-7050

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-7060 OSRAM-SFH-7060 Datasheet
1Mb / 24P
   BioMon Sensor
SFH7051 OSRAM-SFH7051 Datasheet
933Kb / 17P
   BioMon Sensor
SFH7060 OSRAM-SFH7060 Datasheet
1Mb / 24P
   BioMon Sensor
SFH7050 OSRAM-SFH7050 Datasheet
1Mb / 23P
   BioMon Sensor
SFH-7051 OSRAM-SFH-7051 Datasheet
933Kb / 17P
   BioMon Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com