Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-5711 Datasheet(PDF) 9 Page - OSRAM GmbH

Part # SFH-5711
Description  High Accuracy Ambient Light Sensor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-5711 Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button SFH-5711 Datasheet HTML 5Page - OSRAM GmbH SFH-5711 Datasheet HTML 6Page - OSRAM GmbH SFH-5711 Datasheet HTML 7Page - OSRAM GmbH SFH-5711 Datasheet HTML 8Page - OSRAM GmbH SFH-5711 Datasheet HTML 9Page - OSRAM GmbH SFH-5711 Datasheet HTML 10Page - OSRAM GmbH SFH-5711 Datasheet HTML 11Page - OSRAM GmbH SFH-5711 Datasheet HTML 12Page - OSRAM GmbH SFH-5711 Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Version 1.7
SFH 5711
2015-12-22
9
Taping
Dimensions in mm (inch).
Tape and Reel
8 mm tape with 2000 pcs. on ∅ 180 mm reel
OHAY2870
+0.1 (0.004)
1.5 (0.059)
2 (0.079) ±0.05 (0.002)
±0.05 (0.002)
2.4 (0.094)
1 (0.039)
±0.02 (0.001)
0.23 (0.009)
1.25 (0.049)
±0.05 (0.002)
±0.05 (0.002)
4 (0.157)
D0
2
P
P0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D


Similar Part No. - SFH-5711

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-5712 OSRAM-SFH-5712 Datasheet
429Kb / 16P
   Hochgenauer Umgebungslichtsensor mit I짼C Bus Schnittstelle
More results

Similar Description - SFH-5711

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH5711 OSRAM-SFH5711_16 Datasheet
404Kb / 14P
   High Accuracy Ambient Light Sensor
logo
Vishay Siliconix
VEML6030 VISHAY-VEML6030_17 Datasheet
281Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
Rev. 1.3, 12-May-17
logo
OSRAM GmbH
SFH5711 OSRAM-SFH5711_13 Datasheet
250Kb / 14P
   High Accuracy Ambient Light Sensor
SFH5711 OSRAM-SFH5711 Datasheet
311Kb / 9P
   High Accuracy Ambient Light Sensor
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700_17 Datasheet
260Kb / 13P
   High Accuracy Ambient Light Sensor With I2C Interface
Rev. 1.3, 02-Jun-17
logo
OSRAM GmbH
SFH5711 OSRAM-SFH5711_11 Datasheet
157Kb / 10P
   Hochgenauer Umgebungslichtsensor High Accuracy Ambient Light Sensor
logo
Vishay Siliconix
VEML7700 VISHAY-VEML7700 Datasheet
204Kb / 12P
   High Accuracy Ambient Light Sensor with IC Interface
Rev. 1.0, 19-Nov-15
VEML6030 VISHAY-VEML6030_V01 Datasheet
232Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2022
VEML6031X00 VISHAY-VEML6031X00_V02 Datasheet
244Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
01-Jan-2023
VEML6031X00 VISHAY-VEML6031X00 Datasheet
241Kb / 14P
   High Accuracy Ambient Light Sensor With I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com