Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4512 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH-4512
Description  GaAs Infrared Emitter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4512 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH-4512 Datasheet HTML 1Page - OSRAM GmbH SFH-4512 Datasheet HTML 2Page - OSRAM GmbH SFH-4512 Datasheet HTML 3Page - OSRAM GmbH SFH-4512 Datasheet HTML 4Page - OSRAM GmbH SFH-4512 Datasheet HTML 5Page - OSRAM GmbH SFH-4512 Datasheet HTML 6Page - OSRAM GmbH SFH-4512 Datasheet HTML 7Page - OSRAM GmbH SFH-4512 Datasheet HTML 8Page - OSRAM GmbH SFH-4512 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Version 1.0
SFH 4512
2011-03-14
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 100 mA, tp = 20 ms)
peak
950
nm
Centroid Wavelength
Schwerpunktwellenlänge der Strahlung
(IF = 100 mA, tp = 20 ms)
centroid
955
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 100 mA, tp = 20 ms)
55
nm
Half angle
Halbwinkel
± 10
°
Active chip area
Aktive Chipfläche
A0.09
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.3 x 0.3
mm x
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 100 mA, RL = 50 )
tr, tf
500
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
25
pF
Forward voltage
Durchlassspannung
(IF = 100 mA, tp = 20 ms)
VF
1.3 ( 1.5)
V
Forward voltage
Durchlassspannung
(IF = 1 A, tp = 100 s)
VF
1.9 ( 2.5)
V
Reverse current
Sperrstrom
(VR = 5 V)
IR
0.01 ( 1)
μA
Total radiant flux
Gesamtstrahlungsfluss
(IF= 100 mA, tp= 20 ms)
e
20
mW
Temperature coefficient of Ie or e
Temperaturkoeffizient von Ie bzw. e
(IF = 100 mA, tp = 20 ms)
TCI
-0.55
% / K


Similar Part No. - SFH-4512

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4510 OSRAM-SFH-4510 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
SFH-4511 OSRAM-SFH-4511 Datasheet
217Kb / 8P
   GaAs-LED mit sehr hohem Wirkungsgrad
SFH-4515 OSRAM-SFH-4515 Datasheet
271Kb / 8P
   GaAs-IR-Lumineszenzdioden
SFH-4516 OSRAM-SFH-4516 Datasheet
183Kb / 11P
   GaAs Infrared Emitters
More results

Similar Description - SFH-4512

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH401 SIEMENS-SFH401 Datasheet
94Kb / 2P
   GaAs INFRARED EMITTER
logo
OSRAM GmbH
LD261 OSRAM-LD261 Datasheet
240Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5594A ETC2-OPE5594A Datasheet
110Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD-274 OSRAM-LD-274 Datasheet
163Kb / 11P
   GaAs Infrared Emitter
SFH405 OSRAM-SFH405 Datasheet
230Kb / 6P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5194 ETC2-OPE5194 Datasheet
193Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
SFH-4110 OSRAM-SFH-4110 Datasheet
178Kb / 10P
   GaAs Infrared Emitter
logo
Siemens Semiconductor G...
LD242 SIEMENS-LD242 Datasheet
39Kb / 5P
   GaAs Infrared Emitter
logo
List of Unclassifed Man...
OPE5294 ETC-OPE5294 Datasheet
191Kb / 2P
   GaAs Infrared Emitter
logo
OSRAM GmbH
LD274 OSRAM-LD274 Datasheet
181Kb / 11P
   GaAs Infrared Emitter
SFH-400 OSRAM-SFH-400 Datasheet
172Kb / 13P
   GaAs Infrared Emitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com