Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4254 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # SFH-4254
Description  High Power Infrared Emitter (850 nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4254 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button SFH-4254 Datasheet HTML 5Page - OSRAM GmbH SFH-4254 Datasheet HTML 6Page - OSRAM GmbH SFH-4254 Datasheet HTML 7Page - OSRAM GmbH SFH-4254 Datasheet HTML 8Page - OSRAM GmbH SFH-4254 Datasheet HTML 9Page - OSRAM GmbH SFH-4254 Datasheet HTML 10Page - OSRAM GmbH SFH-4254 Datasheet HTML 11Page - OSRAM GmbH SFH-4254 Datasheet HTML 12Page - OSRAM GmbH SFH-4254 Datasheet HTML 13Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
2013-04-29
10
Version 1.0
SFH 4254
Reflow Soldering Profile
Reflow-Lötprofil
Preconditioning: JEDEC Level 2 acc. to JEDEC J-STD-020D.01
0
0
s
OHA04525
50
100
150
200
250
300
50
100
150
200
250
300
t
T
˚C
S
t
t
P
t
T
p
240 ˚C
217 ˚C
245 ˚C
25 ˚C
L
OHA04612
Profile Feature
Profil-Charakteristik
Ramp-up rate to preheat*)
25 °C
to 150 °C
2
3
K/s
Time t
S
T
Smin to TSmax
t
S
t
L
t
P
T
L
T
P
100
120
60
10
20
30
80
100
217
2
3
245
260
3
6
Time
25 °C
to T
P
Time within 5 °C of the specified peak
temperature T
P - 5 K
Ramp-down rate*
T
P to 100 °C
All temperatures refer to the center of the package, measured on the top of the component
* slope calculation
DT/Dt: Dt max. 5 s; fulfillment for the whole T-range
Ramp-up rate to peak*)
T
Smax to TP
Liquidus temperature
Peak temperature
Time above liquidus temperature
Symbol
Symbol
Unit
Einheit
Pb-Free (SnAgCu) Assembly
Minimum
Maximum
Recommendation
K/s
K/s
s
s
s
s
°C
°C
480


Similar Part No. - SFH-4254

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-425 OSRAM-SFH-425 Datasheet
272Kb / 14P
   GaAs Infrared Emitter in SMT Package
SFH-4250 OSRAM-SFH-4250 Datasheet
456Kb / 13P
   High Power Infrared Emitter
SFH-4250S OSRAM-SFH-4250S Datasheet
462Kb / 13P
   High Power Infrared Emitter
SFH-4252 OSRAM-SFH-4252 Datasheet
271Kb / 9P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4253 OSRAM-SFH-4253 Datasheet
420Kb / 13P
   High Power Infrared Emitter
More results

Similar Description - SFH-4254

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
   High Power Infrared Emitter (850 nm)
SFH4254 OSRAM-SFH4254 Datasheet
279Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
   High Power Infrared Emitter (850 nm)
SFH4255 OSRAM-SFH4255 Datasheet
225Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4250 OSRAM-SFH4250 Datasheet
231Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4257 OSRAM-SFH4257 Datasheet
223Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4059SR OSRAM-SFH4059SR Datasheet
365Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4252 OSRAM-SFH4252 Datasheet
226Kb / 9P
   High Power Infrared Emitter (850 nm)
SFH4052 OSRAM-SFH4052 Datasheet
367Kb / 13P
   High Power Infrared Emitter (850 nm)
SFH4257R OSRAM-SFH4257R Datasheet
390Kb / 13P
   High Power Infrared Emitter (850 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com