Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-4239 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # SFH-4239
Description  High Power Infrared Emitter (940 nm)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-4239 Datasheet(HTML) 2 Page - OSRAM GmbH

  SFH-4239 Datasheet HTML 1Page - OSRAM GmbH SFH-4239 Datasheet HTML 2Page - OSRAM GmbH SFH-4239 Datasheet HTML 3Page - OSRAM GmbH SFH-4239 Datasheet HTML 4Page - OSRAM GmbH SFH-4239 Datasheet HTML 5Page - OSRAM GmbH SFH-4239 Datasheet HTML 6Page - OSRAM GmbH SFH-4239 Datasheet HTML 7Page - OSRAM GmbH SFH-4239 Datasheet HTML 8Page - OSRAM GmbH SFH-4239 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2012-12-03
2
Version 1.0
SFH 4239
Ordering Information
Bestellinformation
Maximum Ratings (TA = 25 °C)
Grenzwerte
Type:
Radiant Intensity
Ordering Code
Typ:
Strahlstärke
Bestellnummer
IF = 1 A, tp = 10 ms
Ie [mW/sr]
SFH 4239
550 ( 250)
Q65110A9549
Note: measured at a solid angle of = 0.01 sr
Anm:: gemessen bei einem Raumwinkel = 0.01 sr
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Operation and storage temperature range
Betriebs- und Lagertemperatur
Top; Tstg
-40 ... 125
°C
Junction temperature
Sperrschichttemperatur
Tj
145
°C
Reverse voltage
Sperrspannung
VR
1V
Forward current
Durchlassstrom
IF
1000
mA
Surge current
Stoßstrom
(tp 200 s, D = 0)
IFSM
5A
Power consumption
Leistungsaufnahme
Ptot
1.8
W
Thermal resistance junction - solder point
Wärmewiderstand Sperrschicht - Lötpad
RthJS
9K / W


Similar Part No. - SFH-4239

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-4230 OSRAM-SFH-4230 Datasheet
231Kb / 8P
   IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH-4231 OSRAM-SFH-4231 Datasheet
268Kb / 8P
   IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4232 OSRAM-SFH-4232 Datasheet
416Kb / 13P
   High Power Infrared Emitter
SFH-4232A OSRAM-SFH-4232A Datasheet
476Kb / 12P
   High Power Infrared Emitter
SFH-4233 OSRAM-SFH-4233 Datasheet
186Kb / 12P
   High Power Infrared Emitter
More results

Similar Description - SFH-4239

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4046 OSRAM-SFH4046 Datasheet
429Kb / 14P
   High Power Infrared Emitter (940 nm)
SFH4546 OSRAM-SFH4546 Datasheet
406Kb / 9P
   High Power Infrared Emitter (940 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
   High Power Infrared Emitter (940 nm)
SFH4140 OSRAM-SFH4140 Datasheet
732Kb / 13P
   High Power Infrared Emitter (940 nm)
logo
ams AG
SFH4180S AMSCO-SFH4180S Datasheet
1,005Kb / 17P
   High Power Infrared Emitter (940 nm)
Version 1.3 2021-10-25
logo
OSRAM GmbH
SFH4045N OSRAM-SFH4045N Datasheet
445Kb / 13P
   High Power Infrared Emitter (940 nm)
SFH4341 OSRAM-SFH4341 Datasheet
190Kb / 12P
   High Power Infrared Emitter (940 nm)
SFH4346 OSRAM-SFH4346 Datasheet
434Kb / 11P
   Infrared Emitter (940 nm)
SFH4845 OSRAM-SFH4845 Datasheet
445Kb / 12P
   Infrared Emitter (940 nm)
SFH-4941 OSRAM-SFH-4941 Datasheet
384Kb / 10P
   Infrared Emitter (940 nm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com