Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CDCVF111 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF111
Description  1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCVF111 Datasheet(HTML) 4 Page - Texas Instruments

  CDCVF111 Datasheet HTML 1Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 1 page
background image
CDCVF111
1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
SCAS670B – SEPTEMBER 2001 – REVISED JUNE 2002
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
ESD information
ESD MODELS
LIMIT
Human Body Model (HBM)
2.0 kV
Machine Model (MM)
200 V
Charge Device Model (CDM)
2.0 kV
thermal information
CDCVF111 28 PIN PLCC
THERMAL AIR FLOW (CFM)
UNIT
CDCVF111 28-PIN PLCC
0
150
250
500
UNIT
R
θJA
High K
48
44
42
39
°C/W
R
θJA
Low K
70
58
52
46
°C/W
R
θJC
High K
22
°C/W
R
θJC
Low K
28
°C/W
PARAMETER MEASUREMENT INFORMATION
tPLH
VCC – 0.9 V
VCC – 1.7 V
CLKIN
VOH
VOL
Y
Outputs
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
tPHL
tr
tf
VOH
VOL
Y, Y
Outputs
80%
20%
80%
20%
VOLTAGE WAVEFORMS
RISE AND FALL TIMES
CLKIN
NOTES: A. All input pulses are supplied by generators having the following characteristics: PRR
≤ 45 MHz, ZO = 50 Ω, tr ≤ 1 ns, tf ≤ 1 ns.
B. For additonal signal interface, see the Interfacing Between LVPECL, LVDS, and CML application note, Literature Number
SCAA056.
LOAD CIRCUIT (See Note B)
VCC = 2 V
VEE = –1.3 V
LVPECL
Driver
ZO = 50 Ω
ZO = 50 Ω
Yn
Yn
50
50
Oscilloscope
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - CDCVF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF111 TI1-CDCVF111 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FN TI1-CDCVF111FN Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FNG4 TI1-CDCVF111FNG4 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FNR TI1-CDCVF111FNR Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDCVF111FNRG4 TI1-CDCVF111FNRG4 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
More results

Similar Description - CDCVF111

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCVF111 TI1-CDCVF111_13 Datasheet
679Kb / 11P
[Old version datasheet]   1:9 DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111_15 TI-CDC111_15_15 Datasheet
124Kb / 9P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
CDC111 TI-CDC111 Datasheet
96Kb / 7P
[Old version datasheet]   1-LINE TO 9-LINE DIFFERENTIAL LVPECL CLOCK DRIVER
logo
List of Unclassifed Man...
AZ10E111 ETC1-AZ10E111 Datasheet
64Kb / 2P
   1:9 Differential Clock Driver
logo
ON Semiconductor
MC10E111 ONSEMI-MC10E111 Datasheet
104Kb / 5P
   1:9 DIFFERENTIAL CLOCK DRIVER
1996 REV 3
logo
Maxim Integrated Produc...
MAX9326 MAXIM-MAX9326 Datasheet
316Kb / 12P
   1:9 Differential LVPECL/LVECL/HSTL Clock and Data Driver
Rev 2; 10/02
logo
Renesas Technology Corp
MC100ES6226 RENESAS-MC100ES6226 Datasheet
566Kb / 10P
   2.5v/3.3v Differential LVPECL 1:9 Clock Distribution Buffer and Clock Driver
2019
logo
Fairchild Semiconductor
100311 FAIRCHILD-100311 Datasheet
64Kb / 6P
   Low Skew 1:9 Differential Clock Driver
logo
Micrel Semiconductor
SY10E111 MICREL-SY10E111 Datasheet
78Kb / 4P
   1:9 DIFFERENTIAL CLOCK DRIVER WITH ENABLE
logo
ON Semiconductor
MC100LVE111 ONSEMI-MC100LVE111_06 Datasheet
130Kb / 8P
   3.3V ECL 1:9 Differential Clock Driver
November, 2006 ??Rev. 7
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com