Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH-203-PFA Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH-203-PFA
Description  Silicon PIN Photodiode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-203-PFA Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH-203-PFA Datasheet HTML 1Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 2Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 3Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 4Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 5Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 6Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 7Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 8Page - OSRAM GmbH SFH-203-PFA Datasheet HTML 9Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2015-12-23
1
2015-12-23
Silicon PIN Photodiode
Version 1.3
SFH 203 PFA
Ordering Information
Features:
Wavelength range (S10%) 750 nm to 1100 nm
Short switching time (typ. 5 ns)
5 mm LED plastic package
Applications
High speed photointerrupters
Industrial electronics
For control and drive circuits
Type:
Photocurrent
Ordering Code
IP [µA]
V
R = 5 V, λ = 870 nm, Ee = 1
mW/cm2
SFH 203 PFA
6.2 (≥ 3.6)
Q62702P0947


Similar Part No. - SFH-203-PFA

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH-203-P OSRAM-SFH-203-P Datasheet
434Kb / 9P
   Silicon PIN Photodiode
More results

Similar Description - SFH-203-PFA

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
BPW41N TEMIC-BPW41N Datasheet
99Kb / 5P
   Silicon PIN Photodiode
logo
OPTEK Technologies
OP910 OPTEK-OP910 Datasheet
127Kb / 2P
   PIN SILICON PHOTODIODE
logo
Vishay Siliconix
BPV23NF VISHAY-BPV23NF Datasheet
105Kb / 6P
   Silicon PIN Photodiode
Rev. 3, 16-Nov-99
VEMD11940FX01 VISHAY-VEMD11940FX01 Datasheet
220Kb / 6P
   Silicon PIN Photodiode
Rev. 1.0, 09-Jan-14
VBPW34FAS VISHAY-VBPW34FAS_11 Datasheet
164Kb / 8P
   Silicon PIN Photodiode
Rev. 1.2, 24-Aug-11
TEFD4300 VISHAY-TEFD4300_14 Datasheet
93Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 04-Aug-14
BPV23NF VISHAY-BPV23NF_11 Datasheet
126Kb / 5P
   Silicon PIN Photodiode
Rev. 1.8, 24-Aug-11
T1110P6 VISHAY-T1110P6_14 Datasheet
79Kb / 4P
   Silicon PIN Photodiode
Rev. 1.5, 21-May-14
T1180P6 VISHAY-T1180P6 Datasheet
87Kb / 5P
   Silicon PIN Photodiode
Rev. 1.2, 07-Dec-15
T1187P6 VISHAY-T1187P6 Datasheet
101Kb / 5P
   Silicon PIN Photodiode
Rev. 1.1, 14-Apr-15
VEMD6060X01 VISHAY-VEMD6060X01 Datasheet
168Kb / 8P
   Silicon PIN Photodiode
Rev. 1.0, 14-Jan-16
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com