Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-ESKGY Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # PLC-ESKGY
Description  Solid-state relay module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-ESKGY Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button PLC-ESKGY Datasheet HTML 4Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 5Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 6Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 7Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 8Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 9Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 10Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 11Page - PHOENIX CONTACT PLC-ESKGY Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
https://www.phoenixcontact.com/kr/products/2966809
05/25/2018   Page 11 / 12
Solid-state relay module - PLC-OSC-230UC/ 48DC/100/SEN - 2966809
Accessories
Terminal marking
Zack marker strip - ZB 6/WH-100:UNBEDRUCKT - 5060935
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 6 - 0818085
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: BLUEMARK CLED, BLUEMARK LED, CMS-
P1-PLOTTER, PLOTMARK, mounting type: snap into tall marker groove, for terminal block width: 6.2 mm, lettering
field size: 5.6 x 10.5 mm
 
 
Marker for terminal blocks - UCT-TM 6 - 0828736
Marker for terminal blocks, Sheet, white, unlabeled, can be labeled with: THERMOMARK PRIME, THERMOMARK
CARD, BLUEMARK CLED, BLUEMARK LED, TOPMARK LASER, mounting type: snap into tall marker groove, for
terminal block width: 6.2 mm, lettering field size: 5.6 x 10.5 mm
 
 
Spare parts
Relay base - PLC-BSC-230UC/ 1/SEN - 2966087
6.2 mm PLC basic terminal block for input functions with screw connection, without relay or solid-state relay, for
mounting on NS 35/7,5 DIN rail, with sensor supply voltage distribution (BB), 1 N/O contact, input voltage: 230 V AC/
DC
 
 


Similar Part No. - PLC-ESKGY

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-ESKGY PHOENIX-PLC-ESKGY Datasheet
157Kb / 11P
   Solid-state relay module
PLC-ESKGY PHOENIX-PLC-ESKGY Datasheet
148Kb / 11P
   Solid-state relay module
PLC-ESKGY PHOENIX-PLC-ESKGY Datasheet
164Kb / 12P
   Solid-state relay module
PLC-ESKGY PHOENIX-PLC-ESKGY Datasheet
152Kb / 11P
   Solid-state relay module
PLC-ESKGY PHOENIX-PLC-ESKGY Datasheet
152Kb / 11P
   Solid-state relay module
More results

Similar Description - PLC-ESKGY

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com