Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-OPT-60DC Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PLC-OPT-60DC
Description  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-OPT-60DC Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PLC-OPT-60DC Datasheet HTML 1Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 2Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-OPT-60DC Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2900366
05/25/2018   Page 3 / 11
Solid-state relay module - PLC-OPT- 60DC/ 24DC/2 - 2900366
Technical data
Connection data, output side
Connection method
Push-in connection
Stripping length
8 mm
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²
Conductor cross section AWG
26 ... 14
General
Test voltage input/output
2.5 kV (50 Hz, 1 min.)
Mounting position
any
Assembly instructions
In rows with zero spacing
Operating mode
100% operating factor
Flammability rating according to UL 94
V0
Degree of pollution
2
Overvoltage category
III
Designation
Standards/regulations
Standards/regulations
IEC 60664
IEC 60664A
DIN VDE 0110
Standards and Regulations
Connection in acc. with standard
CUL
Designation
Standards/regulations
Standards/regulations
IEC 60664
IEC 60664A
DIN VDE 0110
Insulation
Basic insulation
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Diagram
Ambienttemperature[°C]
0
2
1
3
50
40
30
20
10
60
Circuit diagram
A2
A1
13+
14


Similar Part No. - PLC-OPT-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OPT-110DC PHOENIX-PLC-OPT-110DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-120AC PHOENIX-PLC-OPT-120AC Datasheet
76Kb / 5P
   Resistant to vibrations and shocks
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-220DC PHOENIX-PLC-OPT-220DC Datasheet
76Kb / 5P
   Resistant to vibrations and shocks
PLC-OPT-230AC PHOENIX-PLC-OPT-230AC Datasheet
76Kb / 5P
   Wear-free switching with no contact bounce
More results

Similar Description - PLC-OPT-60DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com