Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLC-BSC-48DC Datasheet(PDF) 10 Page - PHOENIX CONTACT

Part # PLC-BSC-48DC
Description  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PLC-BSC-48DC Datasheet(HTML) 10 Page - PHOENIX CONTACT

Back Button PLC-BSC-48DC Datasheet HTML 3Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 4Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 5Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 6Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 7Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 8Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 9Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 10Page - PHOENIX CONTACT PLC-BSC-48DC Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967507
05/25/2018   Page 10 / 11
Solid-state relay module - PLC-OSP- 24DC/ 24DC/ 2/ACT - 2967507
Accessories
Power terminal block - PLC-ESK GY - 2966508
Power terminal block, for the input of up to four potentials, for mounting on NS 35/7.5
 
 
Relay socket
Relay base - PLC-BSP- 24DC/ 1/ACT - 2967196
6.2 mm PLC basic terminal block for output functions with spring-cage connection, without relay or solid-state relay,
for mounting on DIN rail NS 35/7,5, with load return line connection (BB), 1 N/O contact, input voltage 24 V DC
 
 
Screwdriver tools
Screwdriver - SZF 1-0,6X3,5 - 1204517
Actuation tool, for ST terminal blocks, also suitable for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip
 
 
Single solid-state relay
Miniature solid-state relay - OPT-24DC/ 24DC/ 2 - 2966595
Plug-in miniature solid-state relay, power solid-state relay, 1 N/O contact, input: 24 V DC, output: 3 - 33 V DC/3 A
 
 
Terminal marking
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, unlabeled, can be labeled with: CMS-P1-PLOTTER, PLOTMARK, mounting type:
snap into tall marker groove, for terminal block width: 6.2 mm, lettering field size: 6.15 x 10.5 mm
 
 


Similar Part No. - PLC-BSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
159Kb / 12P
   Solid-state relay module
PLC-BSC-48DC PHOENIX-PLC-BSC-48DC Datasheet
157Kb / 11P
   Solid-state relay module
More results

Similar Description - PLC-BSC-48DC

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com