Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBST6-PLCBU Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # FBST6-PLCBU
Description  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FBST6-PLCBU Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button FBST6-PLCBU Datasheet HTML 3Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 4Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 5Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 6Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 7Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 8Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 9Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 10Page - PHOENIX CONTACT FBST6-PLCBU Datasheet HTML 11Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967853
05/25/2018   Page 11 / 11
Solid-state relay module - PLC-OSC- 48DC/230AC/ 1 - 2967853
Accessories
Relay base - PLC-BSC- 48DC/21 - 2966090
6.2 mm PLC basic terminal block with screw connection, without relay or solid-state relay, for mounting on DIN rail
NS 35/7,5, 1 PDT, input voltage 48 V DC
 
 
Miniature solid-state relay - OPT-24DC/230AC/ 1 - 2967950
Plug-in miniature solid-state relay, power solid-state relay, 1 N/O contact, input: 24 V DC, output: 24 - 253 V AC/0.75
A
 
 
Phoenix Contact 2018 © - all rights reserved
http://www.phoenixcontact.com


Similar Part No. - FBST6-PLCBU

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FBST6-PLCBU PHOENIX-FBST6-PLCBU Datasheet
157Kb / 11P
   Solid-state relay module
FBST6-PLCBU PHOENIX-FBST6-PLCBU Datasheet
150Kb / 10P
   Solid-state relay module
FBST6-PLCBU PHOENIX-FBST6-PLCBU Datasheet
148Kb / 11P
   Solid-state relay module
FBST6-PLCBU PHOENIX-FBST6-PLCBU Datasheet
590Kb / 14P
   Universal PLC Interface with PDT Relay
FBST6-PLCBU PHOENIX-FBST6-PLCBU Datasheet
164Kb / 12P
   Solid-state relay module
More results

Similar Description - FBST6-PLCBU

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OSC-60DC PHOENIX-PLC-OSC-60DC Datasheet
152Kb / 11P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com