Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FBST500-PLCRD Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # FBST500-PLCRD
Description  Solid-state relay module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

FBST500-PLCRD Datasheet(HTML) 2 Page - PHOENIX CONTACT

  FBST500-PLCRD Datasheet HTML 1Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 2Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 3Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 4Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 5Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 6Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 7Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 8Page - PHOENIX CONTACT FBST500-PLCRD Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
https://www.phoenixcontact.com/kr/products/2967866
05/25/2018   Page 2 / 11
Solid-state relay module - PLC-OSC- 60DC/230AC/ 1 - 2967866
Technical data
Dimensions
Height
80 mm
Depth
94 mm
Ambient conditions
Ambient temperature (operation)
-25 °C ... 60 °C
Ambient temperature (storage/transport)
-25 °C ... 70 °C
Input data
Nominal input voltage UN
60 V DC
Input voltage range in reference to UN
0.8 ... 1.2
Input voltage range
48 V DC ... 72 V DC
Switching threshold "0" signal in reference to UN
≤ 0.3
Switching threshold "1" signal in reference to UN
≥ 0.8
Typical input current at UN
6 mA
Typical response time
10 ms (at UN)
Typical turn-off time
10 ms (at UN)
Operating voltage display
Yellow LED
Type of protection
Reverse polarity protection
Free-wheeling diode
Protective circuit/component
Polarity protection diode
Damping diode
Transmission frequency
10 Hz
Power dissipation for nominal condition
0.36 W
Output data
Output voltage range
24 V AC ... 253 V AC
Limiting continuous current
0.75 A (see derating curve)
Maximum inrush current
30 A (10 ms)
Min. load current
10 mA
Leakage current
< 1 mA (in off state)
Max. load value
4.5 A2s
Voltage drop at max. limiting continuous current
< 1 V
Output circuit
2-wire, floating
Type of protection
RCV circuit
Connection data, input side
Connection name
Input side
Connection method
Screw connection
Stripping length
8 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 2.5 mm²
Conductor cross section flexible
0.14 mm² ... 2.5 mm²


Similar Part No. - FBST500-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
157Kb / 11P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
150Kb / 10P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
148Kb / 11P
   Solid-state relay module
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
590Kb / 14P
   Universal PLC Interface with PDT Relay
FBST500-PLCRD PHOENIX-FBST500-PLCRD Datasheet
164Kb / 12P
   Solid-state relay module
More results

Similar Description - FBST500-PLCRD

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-OSC-120UC PHOENIX-PLC-OSC-120UC Datasheet
158Kb / 12P
   Solid-state relay module
PLC-OPT-120UC PHOENIX-PLC-OPT-120UC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-48DC PHOENIX-PLC-OPT-48DC Datasheet
148Kb / 11P
   Solid-state relay module
PLC-OPT-5DC PHOENIX-PLC-OPT-5DC Datasheet
123Kb / 9P
   Solid-state relay module
PLC-OPT-96DC PHOENIX-PLC-OPT-96DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OSP-120UC PHOENIX-PLC-OSP-120UC Datasheet
157Kb / 11P
   Solid-state relay module
PLC-OSP-24DC PHOENIX-PLC-OSP-24DC Datasheet
163Kb / 11P
   Solid-state relay module
PLC-OSC-24DC PHOENIX-PLC-OSC-24DC Datasheet
164Kb / 12P
   Solid-state relay module
PLC-OPT-72DC PHOENIX-PLC-OPT-72DC Datasheet
131Kb / 9P
   Solid-state relay module
PLC-OPT-36DC PHOENIX-PLC-OPT-36DC Datasheet
131Kb / 9P
   Solid-state relay module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com